M8S42TCJ-R
AI

The **M8S42TCJ-R** is a specific part number belonging to a high-speed networking component, typically identified as a **10G/25G SFP28 Optical Transceiver Module**. These modules are critical in data centers and telecommunications for high-bandwidth data transmission.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and optical characteristics of the M8S42TCJ-R:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP28 (Small Form-factor Pluggable 28) |
| **Data Rate** | Up to 25.78 Gbps |
| **Wavelength** | 850 nm (Multimode) |
| **Connector Type** | Dual LC (Lucent Connector) |
| **Fiber Type** | MMF (Multi-Mode Fiber) - OM3/OM4 |
| **Max Distance** | 70m (OM3) / 100m (OM4) |
| **Power Consumption** | Typical < 1W |
| **Operating Voltage** | 3.3V |
---
### 2. Electronic Components & Internal Architecture
Inside the M8S42TCJ-R, several electronic sub-systems work together to convert electrical signals into optical pulses:
#### A. The Transmitter Path (TOSA)
* **Laser Driver:** An integrated circuit that receives the differential electrical signals (25G) from the host board and converts them into current pulses to drive the light source.
* **VCSEL (Vertical Cavity Surface Emitting Laser):** The actual semiconductor component that emits 850nm infrared light.
#### B. The Receiver Path (ROSA)
* **Photodiode (PIN):** Detects incoming optical signals and converts them back into electrical current.
* **TIA (Trans-Impedance Amplifier):** Converts the weak current from the photodiode into a usable voltage signal.
* **Limiting Amplifier:** Restores the signal levels to be compatible with the host system's high-speed logic.
#### C. The Control Logic (Microcontroller)
* **EEPROM:** Stores the module's ID, manufacturer data, and serial number (accessible via I2C interface).
* **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters such as temperature, supply voltage, laser bias current, and optical power levels.
---
### 3. Pinout Structure
The M8S42TCJ-R utilizes the standard **SFP28 20-pin connector**. Key electronic pins include:
1. **VeeT/VeeR:** Ground pins for transmitter and receiver.
2. **TD+/TD-:** High-speed differential transmit data lines.
3. **RD+/RD-:** High-speed differential receive data lines.
4. **SCL/SDA:** Two-wire serial interface for management (I2C).
5. **Tx_Fault / Tx_Disable:** Logic pins for error reporting and laser control.
---
### 4. Typical Applications
* **25G Ethernet:** High-speed switches and routers.
* **Data Centers:** Server-to-switch and switch-to-switch interconnects.
* **5G Wireless:** Front-haul and back-haul connectivity in telecommunications infrastructure.
- ⤷
What are the power consumption limits for SFP28 modules compared to SFP+?
- ⤷ How does Digital Diagnostic Monitoring (DDM) report errors to the system?
- ⤷ What is the difference between OM3 and OM4 fiber performance for this module?