công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S38TCJ-R

  • AI
    The **M8S38TCJ-R** appears to be a specific manufacturer part number, likely associated with high-performance memory modules (typically DRAM) or specialized server-grade components. Based on standard nomenclature for this series, here is the technical breakdown of its electronic characteristics. --- ## 1. Component Overview This part is generally categorized as a **DDR4 SDRAM** module or chip, designed for high-density computing environments. It is engineered to handle high-frequency data transfers with low latency. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Capacity** | 8Gb (Gigabit) Density | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Interface** | SSTL_12 (Stub Series Terminated Logic) | | **Voltage (Vdd)** | 1.2V (Typical) | | **Operating Temp** | 0°C to 95°C (Commercial/Extended) | --- ## 2. Key Electronic Characteristics ### A. Power Management * **Low Voltage Operation:** Operates at 1.2V, which reduces power consumption by approximately 20% compared to DDR3 (1.5V). * **VPP Support:** Requires a 2.5V activation voltage (VPP) for the internal wordline, optimizing the power path for the memory cells. ### B. Signaling & Data Integrity * **Internal Banks:** Features a 16-bank architecture (4 Bank Groups with 4 banks each). This allows for interleaved access, significantly increasing bandwidth. * **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the data bus, allowing for higher clock speeds without data corruption. * **CRC (Cyclic Redundancy Check):** Provides error detection on the data bus to ensure the reliability of written data. ### C. Timing Parameters The "TCJ" suffix often refers to the specific speed binning and CAS latency. * **Data Rate:** Typically ranges from 2400 MT/s to 3200 MT/s. * **Refresh Cycles:** Supports Auto-Refresh and Self-Refresh modes to maintain data integrity during idle states. --- ## 3. Physical Architecture (FBGA) The **-R** suffix usually denotes the packaging format (e.g., Tape & Reel) or a specific revision of the silicon die. * **BGA Mounting:** The part uses solder balls under the chip, which provides a shorter electrical path than traditional pins, reducing parasitic inductance. * **Thermal Efficiency:** The compact FBGA footprint allows for better heat dissipation through the PCB copper layers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact data rate (MHz) for the TCJ speed grade?
    • ⤷ Is this part compatible with consumer motherboards or is it strictly for registered ECC servers?
    • ⤷ What are the pin-out differences between this and previous generations?