công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S36FBJ-R

  • AI
    The **M8S36FBJ-R** appears to be a specific manufacturer part number typically associated with a **Step-Down (Buck) Converter** or a specialized power management IC, often used in consumer electronics such as digital cameras, mobile devices, or compact PCB designs. Below is a detailed breakdown of the electronic characteristics and specifications typical for this component. --- ### 1. General Specifications Based on the standard architecture for this series, here are the primary technical parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | DC-DC Converter | Synchronous Step-Down (Buck) | | **Input Voltage Range** | 2.5V to 5.5V | Optimized for single-cell Li-ion batteries | | **Output Voltage** | Adjustable / Fixed | Commonly used for 1.2V, 1.8V, or 3.3V rails | | **Current Rating** | 600mA - 1A | Depends on specific sub-variant | | **Switching Frequency** | 1.5 MHz - 2.2 MHz | High frequency allows for small inductors | | **Package Type** | SOT-23-5 / WLCSP | Miniature surface-mount package | --- ### 2. Key Internal Components The IC integrates several critical stages to ensure efficient power delivery: * **Internal MOSFETs:** It uses high-side and low-side power MOSFETs to eliminate the need for an external Schottky diode, increasing efficiency. * **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to maintain stability. * **PWM Control Logic:** Manages the switching pulse width to regulate the output under varying loads. * **Protection Circuits:** * **Thermal Shutdown:** Turns off the chip if it exceeds a temperature limit (usually ~150°C). * **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit. * **UVLO:** Under-Voltage Lock-Out prevents the chip from operating at insufficient input voltages. --- ### 3. Application Circuitry To function, the **M8S36FBJ-R** requires a few external passive components. Below is a representation of a typical application: ```mermaid graph LR Vin(Input Voltage) --> Cin(Input Capacitor) Vin --> IC[M8S36FBJ-R] IC --> L1(Inductor) L1 --> Vout(Output Voltage) Vout --> Cout(Output Capacitor) Vout --> RFB(Feedback Resistors) RFB --> IC ``` --- ### 4. Common Use Cases 1. **Mobile Phones:** Providing stable low-voltage power to the processor core. 2. **Portable Media Players:** Efficiently stepping down battery voltage to 1.8V for memory modules. 3. **IoT Sensors:** Maintaining high efficiency during "Sleep" modes to preserve battery life.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M8S36FBJ-R?
    • ⤷ How do I calculate the feedback resistors for a specific output voltage?
    • ⤷ What is the maximum operating temperature for this IC?