công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S25FAJ-R

  • AI
    The **M8S25FAJ-R** is a specific part number typically associated with **Tantalum Polymer Capacitors**, often manufactured by companies like **Nichicon** (specifically within their F98 series or similar miniature polymer series). These components are designed for high-density surface-mount applications where space is at a premium and high reliability is required. --- ### 1. Component Specifications Below is a breakdown of the typical electronic characteristics for this part series: | Feature | Specification | | :--- | :--- | | **Capacitance** | Typically 25µF (indicated by the '25' in the code) | | **Voltage Rating** | 6.3V to 10V (depending on specific series suffix) | | **Case Size** | 0805 (Metric 2012) or 0603 (Metric 1608) | | **Dielectric** | Tantalum Polymer | | **Tolerance** | ±20% (Standard) | | **Operating Temp** | -55°C to +105°C | --- ### 2. Key Internal Parts & Construction The M8S25FAJ-R is composed of several high-tech layers to achieve its high capacitance-to-volume ratio: 1. **Anode:** A sintered tantalum powder body that acts as the positive electrode. 2. **Dielectric:** A thin layer of Tantalum Pentoxide ($Ta_2O_5$) grown over the anode. 3. **Cathode:** A **Conductive Polymer** layer. Unlike traditional tantalum capacitors that use Manganese Dioxide ($MnO_2$), the polymer provides much lower Equivalent Series Resistance (ESR). 4. **Packaging:** An epoxy resin molding that protects the internal elements from moisture and mechanical stress. --- ### 3. Advantages of the "Polymer" Technology The "S" and "J" designations in these part numbers often refer to specific ESR ratings or packaging styles. Using a polymer cathode offers: * **Non-Exothermic Failure:** Unlike standard tantalum capacitors, polymer versions do not catch fire or "flame" if they fail. * **Ultra-Low ESR:** Allows the capacitor to handle high ripple currents and provide better noise filtering in digital circuits. * **Volumetric Efficiency:** Provides very high capacitance in extremely small footprints (ideal for smartphones and wearables). --- ### 4. Typical Applications * **Power Management (PMIC):** Decoupling and filtering for high-speed CPUs and FPGAs. * **Mobile Devices:** Used in smartphones, tablets, and smartwatches due to the small "M" (Miniature) form factor. * **Audio Circuits:** Providing stable power rails with low noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact ESR value for the M8S25FAJ-R?
    • ⤷ How does a polymer tantalum capacitor differ from a standard electrolytic capacitor?
    • ⤷ What are the soldering temperature requirements for this specific SMD package?