công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8R73TAJ-R

  • AI
    ## Overview of M8R73TAJ-R The **M8R73TAJ-R** is a specific part number typically associated with high-performance **DDR4 SDRAM** (Synchronous Dynamic Random-Access Memory) modules, often produced by manufacturers like Micron or found within enterprise-grade computing systems. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | DDR4 SDRAM | | **Form Factor** | Component / IC (Integrated Circuit) | | **Capacity** | Varies (Typically 8Gb or 16Gb density) | | **Data Rate** | Up to 3200 MT/s | | **Operating Voltage** | 1.2V (Low Power) | | **Operating Temp** | 0°C to 95°C (Commercial/Industrial Grade) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | --- ### Core Electronic Components & Architecture The internal architecture of the M8R73TAJ-R consists of several critical electronic sub-systems: 1. **Memory Cell Array**: * Composed of millions of tiny capacitors and transistors. * Each capacitor holds a charge representing a bit (1 or 0). 2. **Row and Column Decoders**: * Electronic circuits that translate memory addresses from the CPU into specific physical locations within the cell array. 3. **Sense Amplifiers**: * Crucial for reading data. Since the charge in a memory capacitor is extremely small, these amplifiers detect and boost the signal to a logic-level voltage. 4. **I/O Gating & Mask Logic**: * Manages the flow of data in and out of the chip during "Read" and "Write" cycles, ensuring data integrity through differential signaling. --- ### Typical Pin Configuration (FBGA) As an FBGA component, the electrical interface relies on a grid of solder balls on the underside of the chip. Key signal groups include: * **DQ (Data Pins)**: The bi-directional bus for data transfer. * **CK / CK# (Clock)**: Differential clock inputs that synchronize all operations. * **ADDR / CMD**: Pins for receiving memory addresses and command signals (like ACTIVATE, PRECHARGE). * **VDD / VSS**: Power supply and ground pins. --- ### Application Usage These parts are generally found in: * **Server DIMMs**: Registered or Load-Reduced memory modules. * **Embedded Systems**: High-speed industrial controllers. * **Networking Gear**: High-throughput routers and switches.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M8R73TAJ-R variant?
    • ⤷ Which manufacturer is the primary producer of this specific part number?
    • ⤷ What are the specific timing latencies (CL-tRCD-tRP) for this memory chip?