AI

The part number **M8R73FAJ-R** refers to a specific configuration of a **Solid State Drive (SSD)**, typically manufactured by **SK Hynix**. This specific model is an enterprise-grade or OEM-specific storage component often found in high-end laptops or servers.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The M8R73FAJ-R is a high-performance NVMe SSD designed for the M.2 form factor.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | SK Hynix |
| **Interface** | PCIe Gen 4.0 x4 |
| **Protocol** | NVMe 1.4 |
| **Form Factor** | M.2 2280 |
| **Capacity** | 512GB (Commonly) |
| **NAND Type** | 3D TLC (Triple-Level Cell) |
---
### 2. Electronic Architecture
The performance and reliability of this part are defined by its internal electronic components:
* **Controller:** Usually features a proprietary SK Hynix controller designed for low power consumption and high heat dissipation efficiency.
* **DRAM Cache:** Unlike budget "DRAM-less" SSDs, the "R" series typically includes dedicated LPDDR4 DRAM for mapping tables, which significantly increases random access speeds (IOPS).
* **Power Management (PMIC):** Integrated circuits that manage voltage regulation (3.3V input) to protect the NAND cells from power fluctuations.
---
### 3. Performance Metrics
Due to the PCIe Gen 4 interface, the electronic signaling allows for the following estimated speeds:
| Metric | Estimated Value |
| :--- | :--- |
| **Sequential Read** | Up to 6,000 - 7,000 MB/s |
| **Sequential Write** | Up to 4,000 - 5,000 MB/s |
| **Operating Voltage** | 3.3V ± 5% |
| **Operating Temp** | 0°C to 70°C |
---
### 4. Key Electronic Features
* **ECC (Error Correction Code):** Uses advanced LDPC (Low-Density Parity-Check) to ensure data integrity over the life of the NAND flash.
* **Thermal Throttling:** The firmware monitors internal thermistors; if the electronic components exceed 70°C, the controller reduces clock speeds to prevent physical damage.
* **S.M.A.R.T. Support:** Provides electronic telemetry data regarding the health, temperature, and total bytes written (TBW) of the drive.
---
- ⤷
What is the total bytes written (TBW) rating for this specific SK Hynix model?
- ⤷ Is this SSD compatible with PCIe Gen 3 motherboards?
- ⤷ How does the 3D TLC NAND in this model differ from QLC NAND?