AI

The **M8R64TCJ-R** is an electronic component, specifically a **high-speed Synchronous Dynamic Random Access Memory (SDRAM)** chip. This part belongs to the legacy family of memory components, typically used in industrial, networking, and legacy computing systems.
---
### 1. General Specifications
The part number indicates specific characteristics regarding its architecture, speed, and packaging. Below is a breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SDRAM (Synchronous DRAM) |
| **Capacity** | 64 Megabits (8MB) |
| **Organization** | Likely 4 Banks x 1M x 16-bit or similar |
| **Interface** | LVTTL Compatible |
| **Package Type** | TSOP II (Thin Small Outline Package) |
| **Lead Finish** | RoHS Compliant (indicated by -R) |
---
### 2. Pinout and Physical Interface
As a TSOP II package device, it typically features 54 or 66 pins. The electronic operation relies on the following signal groups:
* **Clock (CLK & CKE):** Synchronizes all operations to the rising edge of the system clock.
* **Control signals:**
* **CS (Chip Select):** Enables or disables the device.
* **RAS/CAS/WE:** Command pins that determine the operation (Active, Read, Write, Precharge).
* **Address Inputs (A0-A11):** Used to select specific rows and columns within the memory banks.
* **Data I/O (DQ0-DQ15):** The 16-bit wide bidirectional data bus.
---
### 3. Key Operational Features
* **Synchronous Operation:** Unlike older Asynchronous DRAM, the M8R64TCJ-R uses a clock signal to coordinate data transfers, allowing for much higher bus speeds.
* **Internal Pipelining:** It uses a "Burst Mode" feature that allows multiple data words to be accessed sequentially after a single address is provided.
* **Auto-Refresh:** It requires periodic refresh cycles to maintain data integrity, a standard requirement for all DRAM-based components.
* **Voltage:** Typically operates at **3.3V**, which was the standard for that generation of SDRAM.
---
### 4. Common Applications
Due to its 64Mb density, this part is frequently found in:
1. **Network Hardware:** Routers, switches, and modems for buffer storage.
2. **Embedded Systems:** Industrial controllers and PLCs.
3. **Consumer Electronics:** Older digital cameras, printers, and DVD players.
4. **Legacy PC Upgrades:** Older SODIMM or DIMM memory modules.
- ⤷
What are the equivalent replacement parts for the M8R64TCJ-R?
- ⤷ What is the maximum clock frequency (MHz) supported by this chip?
- ⤷ How do I interpret the 'TCJ' portion of the manufacturer part number?