AI

The **M8R52FCJ-R** (part of the **M8R** series) is a specialized electronic component, typically categorized as a **High-Density Synchronous DRAM (SDRAM)** module, often used in embedded systems, networking hardware, and legacy computing environments.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "M8R" prefix is commonly associated with memory solutions manufactured by vendors like **MoSys** or specialized legacy memory providers. This specific part is designed for high-speed data buffering.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Synchronous Dynamic RAM (SDRAM) |
| **Capacity** | 256MB to 512MB (Configuration dependent) |
| **Clock Speed** | 133MHz - 166MHz |
| **Interface** | LVTTL (Low Voltage TTL) |
| **Voltage** | 3.3V (Core and I/O) |
| **Package** | FBGA (Fine-pitch Ball Grid Array) |
---
### 2. Key Electronic Attributes
#### A. Internal Architecture
* **Bank Structure:** The chip is divided into multiple internal banks (usually 4). This allows for "interleaving," where one bank is precharged while another is being accessed, reducing latency.
* **Refresh Cycles:** It requires periodic refresh commands to maintain data integrity, typical of DRAM technology.
* **CAS Latency:** It usually supports a CAS latency of 2 or 3, allowing the system designer to balance speed vs. stability.
#### B. Signal Interface
The **FCJ-R** suffix often denotes the specific pinout and lead-free (RoHS) status:
* **Address Pins:** Multiplexed Row and Column addresses.
* **Data Bus:** Usually 16-bit or 32-bit width per chip.
* **Control Signals:** Includes `RAS` (Row Address Strobe), `CAS` (Column Address Strobe), `WE` (Write Enable), and `CS` (Chip Select).
#### C. Thermal and Power Characteristics
* **Low Power Mode:** Supports "Self-Refresh" modes to conserve power during system standby.
* **Operating Temperature:** Typically rated for Commercial ($0^\circ C$ to $70^\circ C$) or Industrial ($-40^\circ C$ to $85^\circ C$) ranges.
---
### 3. Application Use-Cases
The M8R52FCJ-R is primarily used in:
1. **Networking Gear:** Buffering for routers and switches.
2. **Embedded Systems:** Main memory for ARM or MIPS-based microcontrollers.
3. **Industrial Automation:** Controllers requiring stable, long-lifecycle memory components.
---
### 4. Part Number Decoder (Example)
While exact manufacturer syntaxes vary, the breakdown generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **M8R** | Series/Manufacturer Family (High-speed DRAM) |
| **52** | Density/Die Revision Code |
| **FC** | Package Type (e.g., FBGA) |
| **J** | Speed Grade (e.g., 7ns or 133MHz) |
| **-R** | RoHS Compliant / Tape & Reel Packaging |
---
- ⤷What is the exact pin count for the FBGA package of this part?
- ⤷ Are there any direct equivalents or second-source manufacturers for the M8R52FCJ-R?
- ⤷ What are the specific timing constraints for the CAS latency on this module?