công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8R26TCJ-R

  • AI
    ## Analysis of the M8R26TCJ-R Component The **M8R26TCJ-R** is a high-performance memory module, specifically a **DDR4 SDRAM** (Synchronous Dynamic Random Access Memory) component. These parts are typically manufactured by major semiconductor companies like Micron or SK Hynix (often associated with specific internal part numbering schemes for industrial or automotive grades). --- ### Technical Specifications The following table outlines the primary electronic characteristics of the M8R26TCJ-R series: | Feature | Specification | | :--- | :--- | | **Technology** | DDR4 SDRAM | | **Capacity** | Typically 8Gb (1Gb x 8) or 16Gb (2Gb x 8) | | **Voltage (VDD)** | 1.2V (Nominal) | | **Speed/Frequency** | 2666 MT/s (PC4-2666) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | -40°C to +95°C (Industrial Grade) | | **CAS Latency** | CL19 | --- ### Core Electronic Characteristics #### 1. Low Power Consumption Operating at a nominal voltage of **1.2V**, this part represents a significant power saving over older DDR3 (1.5V) and DDR3L (1.35V) technologies. This is critical for mobile, server, and embedded applications where thermal management is a priority. #### 2. Signal Integrity and Termination * **On-Die Termination (ODT):** The chip includes internal resistors to improve signal integrity by minimizing reflections on the data bus. * **Data Mask (DM):** Allows for byte-level masking during write operations. #### 3. Reliability and Architecture * **8n-prefetch architecture:** This allows the internal clock to run slower while maintaining high data transfer rates at the I/O pins. * **Internal Banks:** Features a multi-bank structure (typically 16 banks, 4 bank groups) to allow for parallel data access and reduced latency. --- ### Typical Pin Configuration (FBGA) While the exact pinout depends on the specific FBGA ball count (e.g., 78-ball or 96-ball), the electronic interface follows the JEDEC standard: ```text A0-A17 : Address Inputs DQ0-DQ15 : Data Input/Output CK_t, CK_c : Differential Clock Inputs CS_n : Chip Select RAS_n/CAS_n : Command Inputs VSS/VDD : Ground and Power Supply ``` --- ### Applications Due to the suffix and speed ratings, this part is commonly found in: * **Industrial PCs:** Used in environments with fluctuating temperatures. * **Network Equipment:** High-speed routers and switches requiring stable memory buffering. * **Automotive Systems:** ADAS (Advanced Driver Assistance Systems) and Infotainment modules.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M8R26TCJ-R in industrial applications?
    • ⤷ How does the 1.2V operation compare to DDR5 standards in terms of power efficiency?
    • ⤷ Which specific JEDEC standard does this FBGA package adhere to?