M8R24FAJ-R
AI

The **M8R24FAJ-R** is an electronic component manufactured by **ALPS Alpine**. It belongs to the category of **Surface Mount (SMD) Tactile Switches**. These parts are designed to provide physical feedback (a "click") to the user when pressed and are commonly found in consumer electronics and automotive interfaces.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | ALPS Alpine |
| **Series** | SKRP Series (Commonly associated) |
| **Actuation Type** | Top Actuated |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Force** | Usually 1.6N or 2.5N (Standard tactile range) |
| **Operating Life** | ~100,000 to 500,000 cycles |
| **Dimensions** | Typically 4.2 × 3.2mm or similar small footprint |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### Key Internal Components
1. **Actuator (Stem):** The physical part you press. In this model, it is designed for a low profile to save vertical space.
2. **Contact Dome:** A metal "snap" dome that provides the tactile sensation. When pressed, it collapses to complete the electrical circuit.
3. **Base/Housing:** Made of heat-resistant plastic (LCP or similar) to withstand the high temperatures of reflow soldering.
4. **Terminals:** Silver-plated or Gold-plated leads for electrical conductivity to the PCB.
---
### Common Applications
* **Consumer Electronics:** Smartphones, volume buttons, and power switches.
* **Wearables:** Smartwatches and fitness trackers (due to the small footprint).
* **Automotive:** Steering wheel controls and dashboard interfaces.
* **Industrial:** Reset switches on control boards.
---
### Layout and Soldering
The part is designed for automated assembly. Below is a simplified representation of the SMD footprint layout:
```text
[ PCB PAD ]
+-----------+
| (1) (2) | <-- Terminals 1 and 2 are usually
| | connected internally.
| (3) (4) |
+-----------+
```
---
- ⤷
What is the exact actuation force and travel distance for the M8R24FAJ-R?
- ⤷ Is this switch rated for waterproof or dustproof environments (IP rating)?
- ⤷ What are the recommended reflow soldering temperature profiles for this component?