M8R21TCJ-R
AI

The **M8R21TCJ-R** refers to a specific series of high-performance **Magnetic Random Access Memory (MRAM)** chips, typically manufactured by companies like Avalanche Technologies. These components are designed to replace traditional SRAM or Flash memory in mission-critical and industrial applications.
---
### 1. General Specifications
The M8R series utilizes **STT-MRAM** (Spin-Transfer Torque) technology, which combines the speed of SRAM with the non-volatility of Flash.
| Feature | Specification (Typical for M8R series) |
| :--- | :--- |
| **Memory Type** | STT-MRAM (Non-volatile) |
| **Interface** | Quad SPI (QSPI) / SPI |
| **Density** | Ranges from 4Mb to 16Mb (Part dependent) |
| **Voltage** | 1.8V or 3.3V (Standard I/O) |
| **Temperature** | Industrial (-40°C to +85°C) or Extended |
| **Endurance** | Unlimited Read/Write cycles |
| **Retention** | >10 years (at high temperature) |
---
### 2. Key Internal Electronic Parts
The architecture of this component consists of several functional blocks:
* **MRAM Cell Array:** The core storage area using Magnetic Tunnel Junctions (MTJ) to store data based on magnetic orientation rather than electrical charge.
* **Interface Controller:** Handles the Quad-SPI protocol, allowing high-speed data transfer (often up to 108MHz).
* **Write/Read Control Logic:** Manages the spin-polarized current required to flip the magnetic state of the cells during a write operation.
* **Voltage Regulators:** Internal LDOs that manage internal voltages for the magnetic switching process.
* **Error Correction Code (ECC):** Integrated logic that detects and corrects single-bit errors to ensure data integrity.
---
### 3. Advantages of this Component
The M8R21TCJ-R is preferred over standard memory parts for the following reasons:
1. **Non-Volatility:** Unlike SRAM, it does not require a battery (Battery-less backup).
2. **Instant-On:** It allows for immediate data availability upon power-up.
3. **High Radiation Tolerance:** Inherently more resistant to soft errors (SEU) compared to charge-based memory (DRAM/Flash).
4. **Byte-Addressability:** Unlike NAND Flash, it does not require block-erasing; data can be written byte-by-byte.
---
### 4. Common Pinout Configuration
*Most M8R series parts come in an 8-pad WSON or 8-pin SOIC package.*
| Pin Name | Function |
| :--- | :--- |
| **CS#** | Chip Select (Active Low) |
| **SCK** | Serial Clock |
| **DQ0 - DQ3** | Data Input/Output (Quad I/O Mode) |
| **VCC** | Power Supply |
| **VSS** | Ground |
---
- ⤷What is the difference between STT-MRAM and standard Flash memory?
- ⤷ Which applications typically use the M8R21TCJ-R chip?
- ⤷ What are the power consumption characteristics of MRAM during idle mode?