AI

Based on the part number provided, the **M8R18TAJ-R** is a specific type of **Crystal Oscillator**, typically manufactured by companies like *Mercury Electronic* or similar precision timing component providers.
These components are essential in electronic circuits for generating a stable clock signal required for microprocessors, communication modules, and digital systems.
---
## 1. Technical Specifications
The part number is a coded string representing the physical and electrical characteristics of the oscillator.
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Clock Oscillator (SPXO) |
| **Package Size** | 7.0 x 5.0 mm (SMD) |
| **Frequency Range** | Typically 1.0 MHz to 156.25 MHz (Model specific) |
| **Operating Voltage** | 1.8V, 2.5V, or 3.3V (TAJ usually denotes 3.3V) |
| **Output Type** | CMOS / HCMOS |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Part Number Breakdown (Decoded)
While prefixes vary slightly by manufacturer, the **M8R** series generally follows this logic:
* **M8R**: Series designation (Surface Mount 7x5mm, 3.3V/5V supply).
* **18**: Represents frequency stability (e.g., 18 might correlate to a specific ppm or voltage variant).
* **TAJ**:
* **T**: Tri-state function (Pin 1 can be used to enable/disable the output).
* **A**: Temperature range (e.g., -10 to +70°C).
* **J**: Specific package height or output symmetry.
* **-R**: RoHS Compliant (Lead-free).
---
## 3. Key Features
* **Tri-state Functionality:** Allows the output to be placed in a high-impedance state, which is useful for testing or power-saving modes.
* **Low Phase Jitter:** Designed for high-speed data transmission where timing precision is critical.
* **SMD Package:** The 7x5mm footprint is a standard industrial size, making it easily replaceable with alternatives from Epson, CTS, or Abracon.
---
## 4. Pin Configuration
For a standard 4-pin 7x5mm oscillator like the M8R series:
| Pin | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active; Low = High Impedance) |
| **2** | GND | Ground |
| **3** | Output | Clock Signal Output |
| **4** | Vdd | Power Supply (Voltage Input) |
---
- ⤷
What is the exact frequency value printed on your specific M8R18TAJ-R unit?
- ⤷ Can this oscillator be used in automotive applications
- ⤷ or is it strictly industrial?
- ⤷ What are the common pin-compatible alternatives for a 7x5mm CMOS oscillator?