AI

The **M8R18FAJ-R** is an electronic component, specifically a **Surface Mount Device (SMD) Power Inductor**. These parts are designed to store energy in a magnetic field and are commonly used in power management circuits to filter noise or manage voltage conversion.
---
### 1. Technical Specifications
The part number typically follows a manufacturer-specific coding (often associated with brands like **Chilisin** or similar inductor manufacturers). Below are the general specifications for this class of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 1.8 µH (indicated by "18" in the code) |
| **Tolerance** | ±20% (standard for power inductors) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Metal Alloy or Ferrite Core (Shielded) |
| **Application** | DC-DC Converters, Point of Load (POL) |
---
### 2. Breakdown of the Part Number
While naming conventions vary by brand, the code "M8R18FAJ-R" can generally be interpreted as follows:
* **M8:** Likely refers to the physical series or package size (e.g., 8mm footprint).
* **R18:** Represents the Inductance value. In many coding systems, "R" acts as a decimal point, suggesting **1.8 µH**.
* **F/A/J:** These are internal manufacturer codes representing tolerance, material type, or packaging style (e.g., J often denotes Tape & Reel).
* **-R:** Usually signifies that the part is **RoHS Compliant** (Lead-free).
---
### 3. Key Electronic Functions
Power inductors like the M8R18FAJ-R perform three primary roles in a circuit:
1. **Energy Storage:** In switching regulators (Buck or Boost converters), the inductor stores energy when the switch is closed and releases it when the switch opens.
2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple currents from power supplies to provide a stable DC output.
3. **EMI Suppression:** Because it is likely a shielded design (indicated by the "M" or "FA" series in power inductors), it helps contain electromagnetic interference, preventing it from affecting nearby components.
---
### 4. Common Applications
* **Computing:** Motherboards, VRMs (Voltage Regulator Modules).
* **Consumer Electronics:** Laptops, tablets, and high-end gaming consoles.
* **Telecommunications:** Base stations and networking switches.
---
- ⤷
What is the maximum current rating (Irms) for the M8R18FAJ-R?
- ⤷ Can you provide a footprint diagram or dimensions for the M8 series package?
- ⤷ Which manufacturers are the primary producers of the M8R series inductors?