công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8R14TAJ-R

  • AI
    The **M8R14TAJ-R** is a specific part number belonging to a series of **Network Interface Connectors (NIC)**, commonly referred to as **Integrated RJ45 Connector Modules (ICMs)**. These components are essential in networking hardware for providing both the physical connection and the electrical isolation required for Ethernet communication. --- ### 1. Component Overview The M8R14TAJ-R is an **RJ45 Jack with Integrated Magnetics**. Unlike a standard plastic phone or data jack, this "MagJack" includes internal circuitry to filter signals and protect the device from electrical surges. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Port Configuration** | 1x1 (Single Port) | | **Orientation** | Right Angle (Horizontal) | | **Speed Support** | Typically 10/100/1000 Base-T (Gigabit Ethernet) | | **Shielding** | Metal Shielded with EMI Tabs | | **LEDs** | Integrated (usually Green/Yellow) | --- ### 2. Internal Electronic Parts The "Integrated" part of the name refers to several electronic components housed inside the metal casing: * **Isolation Transformers:** These provide galvanic isolation between the Ethernet line and the internal PHY chip, protecting the circuitry from static and high-voltage spikes. * **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and ensure signal integrity over long cable runs. * **Resistors & Capacitors:** Often included for "Bob Smith" termination, which helps reduce common-mode noise on unused wire pairs. * **LED Indicators:** Built-in Light Emitting Diodes to signal "Link" and "Activity" status without needing separate PCB components. --- ### 3. Pinout and Mounting This component is designed for **Through-Hole Technology (THT)** mounting on a Printed Circuit Board (PCB). 1. **Signal Pins:** Connect to the Ethernet Physical Layer (PHY) chip. 2. **LED Pins:** Four pins (usually) to control the two integrated lights. 3. **Shield Tabs:** Connected to the chassis ground to bleed off interference. 4. **Mechanical Posts:** Plastic or metal posts to ensure the connector stays seated during cable insertion/removal. --- ### 4. Applications You will find the M8R14TAJ-R or its equivalents in the following devices: * Network Switches and Routers. * Industrial PCs and Motherboards. * Embedded systems (Raspberry Pi-like boards). * Game consoles and Smart TVs. --- ### 5. Part Number Decoding (General) While naming conventions vary by manufacturer (such as Mag-Jack or PulseJack), the "R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free.
    ✨ Follow-up Questions
    • ⤷ What are the specific LED color configurations for the M8R14TAJ-R?
    • ⤷ Is this part compatible with Power over Ethernet (PoE)?
    • ⤷ What is the recommended footprint for soldering this onto a PCB?