M8R13FCJ-R
AI

The **M8R13FCJ-R** appears to be a specific manufacturer part number often associated with **optical transceivers**, typically categorized within the **SFP+ (Small Form-factor Pluggable)** family. These components are essential for high-speed data communication in networking environments.
Below is a detailed breakdown of the electronic characteristics and functional aspects of this type of part.
---
### 1. Key Technical Specifications
While exact specifications can vary slightly by vendor (e.g., if it is a generic or programmed compatible), these parts generally follow these parameters:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) |
| **Data Rate** | 10 Gbps (10GBASE-SR) |
| **Wavelength** | 850 nm |
| **Media Type** | Multi-Mode Fiber (MMF) |
| **Connector** | Duplex LC |
| **Distance** | Up to 300m (on OM3 fiber) |
| **Voltage Supply** | 3.3V |
---
### 2. Functional Electronic Components
The internal architecture of the M8R13FCJ-R consists of several critical electronic sub-systems:
#### A. Optical Transmitter (TOSA)
* **Laser Diode:** Usually a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) operating at 850nm. It converts electrical signals from the host (switch/router) into light pulses.
* **Laser Driver:** An integrated circuit that modulates the electrical current to drive the laser at 10Gbps speeds.
#### B. Optical Receiver (ROSA)
* **Photodiode:** A PIN photodetector that senses incoming light pulses.
* **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a usable voltage signal for the host system.
#### C. Control and Monitoring (DDM/DOM)
Most modern versions of this part include **Digital Diagnostics Monitoring (DDM)**. This allows the network administrator to monitor real-time parameters via an I2C interface:
* Temperature
* Supply Voltage
* Laser Bias Current
* Optical Transmit Power
* Optical Receive Power
---
### 3. Pinout Configuration
The electrical interface uses a 20-pin gold finger connector. Key pins include:
```markdown
Pin 1: VeeT (Transmitter Ground)
Pin 2: TX_Fault (Transmitter Fault Indication)
Pin 3: TX_Disable (Laser Off Control)
Pin 4: SDA (I2C Data Line)
Pin 5: SCL (I2C Clock Line)
Pin 12: RD- (Receiver Inverted Data Output)
Pin 13: RD+ (Receiver Non-Inverted Data Output)
Pin 18: TD+ (Transmitter Non-Inverted Data Input)
Pin 19: TD- (Transmitter Inverted Data Input)
```
---
### 4. Applications
* **Data Centers:** High-speed links between top-of-rack switches.
* **Enterprise Networking:** Connecting core switches to distribution layers.
* **Storage Area Networks (SAN):** High-speed data transfer to storage arrays.
- ⤷
What is the difference between SFP and SFP+ in terms of electronic throughput?
- ⤷ How does the DDM/DOM interface communicate with a network switch?
- ⤷ What are the power consumption limits for an M8R13FCJ-R module?