công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8PP-C0M2M22-R

  • AI
    The **M8PP-C0M2M22-R** is a specific industrial connector part number, typically associated with the **M8** standard. This specific nomenclature is common among manufacturers like **METZ CONNECT** or similar high-precision electronic component suppliers. It represents a circular plug connector designed for industrial automation and sensor applications. Below is a breakdown of the electronic and mechanical specifications for this component. --- ### 1. Part Number Specification Breakdown While codes can vary slightly by manufacturer, the "M8PP" series generally follows this logic: | Segment | Description | Meaning | | :--- | :--- | :--- | | **M8** | Series Type | Metric 8mm circular connector | | **PP** | Housing/Type | Plastic Plug (typically overmolded or field wireable) | | **C** | Coding | **A-Coding** (Standard for sensors/actuators) | | **0M2** | Contact Config | 3-Pole or 4-Pole configuration (Check datasheet for exact pinout) | | **M22** | Mounting/Thread | M8 x 1.0 Threaded coupling | | **-R** | Compliance | RoHS Compliant | --- ### 2. Electronic & Technical Specifications These connectors are engineered to maintain signal integrity in harsh environments. * **Rated Voltage:** Typically **30V to 60V AC/DC** (depending on the number of poles). * **Rated Current:** Usually **3A to 4A** per contact at 40°C. * **Contact Resistance:** $\leq 5 m\Omega$ to ensure minimal signal loss. * **Insulation Resistance:** $> 100 M\Omega$, preventing leakage between pins. * **IP Rating:** Generally **IP67**, meaning it is dust-tight and protected against temporary immersion in water. --- ### 3. Physical Materials & Construction | Component | Material | Function | | :--- | :--- | :--- | | **Contacts** | Brass / Gold Plated | High conductivity and corrosion resistance. | | **Contact Carrier** | TPU / PA (Polyamide) | High dielectric strength and thermal stability. | | **Coupling Nut** | Zinc Die-cast (Nickel Plated) | Mechanical locking and vibration resistance. | | **O-Ring** | FKM / Viton | Provides the environmental seal. | --- ### 4. Typical Applications The M8 series is the "workhorse" of the industrial world, specifically where space is limited. * **Sensors:** Proximity switches, photoelectric sensors, and ultrasonic sensors. * **Actuators:** Small valves and solenoid drivers. * **I/O Boxes:** Connection points on decentralized fieldbus modules. * **Robotics:** Compact signal transmission in robotic arms. --- ### 5. Installation Note When wiring or installing the **M8PP-C0M2M22-R**, ensure the **tightening torque** (usually around 0.4 Nm) is respected. Over-tightening can damage the internal O-ring, while under-tightening will compromise the IP67 waterproof rating.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M8PP series?
    • ⤷ How does M8 A-coding differ from B-coding or D-coding?
    • ⤷ Are there shielded versions of this connector for high-EMI environments?