công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8PP-B7M2M22-R

  • AI
    The part number **M8PP-B7M2M22-R** typically refers to a specific configuration of an **M8 Circular Connector**. These connectors are widely used in industrial automation, sensors, and robotics due to their compact size and reliability in harsh environments. --- ### 1. Technical Specifications Table The following table breaks down the typical electronic and mechanical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Connector Size** | M8 (8mm Thread) | | **Gender** | Plug (Male) | | **Mounting Type** | Panel Mount / PCB Mount | | **Number of Pins** | 3 or 4 Pins (Configuration dependent) | | **Coding** | A-Coded (Standard for sensors/actuators) | | **Voltage Rating** | 30V - 60V AC/DC | | **Current Rating** | 1.5A - 4A per contact | | **IP Rating** | IP67 / IP68 (Waterproof/Dustproof) | | **Termination** | Solder or Dip (PCB) | --- ### 2. Electronic Component Breakdown #### A. Contact Material and Plating The pins (M2M22 designation) are usually made of a **Copper Alloy** with **Gold (Au) plating** over Nickel. Gold is used to: * Minimize contact resistance. * Prevent oxidation in humid industrial environments. * Ensure signal integrity for low-voltage data transmission. #### B. Housing and Insulation The "B7" and "PP" segments often refer to the shell material and the insulator. * **Insulator:** Usually PA66 or PBT (Thermoplastic), providing high dielectric strength to prevent short-circuiting between pins. * **Shell:** Often Nickel-plated brass or Stainless Steel for EMI/RFI shielding and mechanical durability. #### C. Electrical Integrity * **Contact Resistance:** Typically $\leq 5 m\Omega$ to ensure minimal power loss. * **Insulation Resistance:** Usually $\geq 100 M\Omega$ at 500V DC to ensure safety and signal isolation. --- ### 3. Common Applications * **Industrial Sensors:** Connection for proximity, photoelectric, and ultrasonic sensors. * **Actuators:** Powering small solenoid valves or motors. * **Fieldbus Wiring:** Used in compact I/O modules for Profibus or CANopen systems. * **Medical Equipment:** High-reliability power and data transmission in small-form-factor devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M2M22 variant?
    • ⤷ Does this connector support PoE (Power over Ethernet) applications?
    • ⤷ What are the torque requirements for mounting this M8 panel connector?