công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8564

  • AI
    The term **M8564** most commonly refers to the **MIL-DTL-83513/05** series or similar military-grade specifications, specifically focusing on **Micro-D connectors** and their associated hardware. In electronics, these parts are critical for high-reliability, space-constrained environments. --- ## 1. Overview of M8564 (Micro-D) Components M8564 usually designates the hardware (jackscrews, posts, and clips) or specific connector variations used in Micro-D rectangular connectors. These are high-density systems with a 0.050" (1.27mm) pitch. ### Key Characteristics | Feature | Specification | | :--- | :--- | | **Pitch** | 0.050 inch (1.27 mm) | | **Material** | Usually Stainless Steel or Passivated Steel | | **Standard** | MIL-DTL-83513 | | **Application** | Aerospace, Defense, Medical Imaging | --- ## 2. Common Electronic Hardware (M8564 Series) The "M8564" designation is often found in the cataloging of mounting hardware for these connectors. Below are the common components: ### A. Jackscrews and Jackposts These are the most common "parts" associated with the M8564/MIL-DTL-83513 standard. They ensure that the male and female connectors stay mated under heavy vibration. * **Fixed Jackposts:** Permanent mounting on a panel or PCB. * **Turnable Jackscrews:** Allow for manual mating and unmating of the cable. ### B. Shell Sizes Micro-D connectors using M8564 hardware come in standard shell sizes: * 9, 15, 21, 25, 31, 37, 51, and 100 pins. --- ## 3. Technical Specifications If you are integrating these parts into a PCB design or a wire harness, the following electrical and mechanical specs apply to the connector assembly: ### Electrical Ratings ```text Current Rating: 3 Amps maximum Dielectric Strength: 600 VAC at sea level; 150 VAC at 70,000 ft Contact Resistance: 8 milliohms maximum Insulation Res.: 5000 Megohms minimum ``` ### Mechanical Integrity * **Vibration:** 20g's peak (per MIL-STD-1344). * **Shock:** 50g's (per MIL-STD-1344). * **Durability:** 500 mating cycles minimum. --- ## 4. Usage in Modern Electronics Because M8564/Micro-D parts are ruggedized, they are used where standard consumer connectors (like USB or HDMI) would fail: 1. **Avionics:** Flight control systems where weight and space are premium. 2. **Downhole Drilling:** High-temperature and high-pressure sensor arrays. 3. **Satellites:** Low outgassing materials required for vacuum environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between M83513 and M8564 hardware?
    • ⤷ Can M8564 connectors be used in high-vacuum environments?
    • ⤷ How do I select the correct jackscrew length for a panel-mount Micro-D connector?