AI

The **M7S73FBJ-R** refers to a high-frequency, surface-mount (SMD) quartz crystal oscillator. These components are critical for providing a stable clock signal in electronic circuits.
---
## Technical Specifications
Based on the standard nomenclature for this series (often associated with manufacturers like **Hosonic** or similar timing device specialists), here are the typical technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Active oscillator requiring a power supply. |
| **Package Size** | 7.0 x 5.0 mm | Standard 4-pad SMD ceramic package. |
| **Frequency Range** | 1 MHz to 150 MHz | Specific frequency is determined by the full part number. |
| **Supply Voltage** | 3.3V (Typical) | Can range between 1.8V and 5.0V depending on the suffix. |
| **Output Type** | CMOS / HCMOS | Provides a square wave signal compatible with digital logic. |
| **Frequency Stability** | ±25ppm to ±50ppm | Measures the deviation over temperature. |
---
## Internal Components & Architecture
The M7S73FBJ-R is an "Active" component, meaning it contains more than just a piece of quartz. It integrates:
1. **AT-Cut Quartz Crystal:** The primary resonant element that determines the base frequency.
2. **Oscillator IC:** A CMOS integrated circuit that provides the gain needed to start and maintain oscillation.
3. **Output Buffer:** Ensures the signal is strong enough to drive the "load" of the target microcontroller or FPGA.
4. **Bypass Capacitor (Recommended):** Usually placed externally between VCC and GND to filter power supply noise.
### Pinout Configuration
Standard 7050 (7x5mm) oscillators typically follow this 4-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active) or No Connection. |
| **2** | GND | Ground connection. |
| **3** | Output | The clock signal output. |
| **4** | VDD | Power supply voltage. |
---
## Common Applications
* **Networking:** Ethernet switches, routers, and modems.
* **Industrial:** PLCs, sensors, and industrial automation controllers.
* **Computing:** Motherboards, peripheral cards, and SSD controllers.
* **Consumer Electronics:** Digital cameras, high-end audio interfaces, and set-top boxes.
---
## Circuit Implementation Example
When implementing this part, a simple connection looks like this:
```c
[Power Rail 3.3V] ---- Pin 4 (VDD)
[Ground Plane] ---- Pin 2 (GND)
[Microcontroller] <--- Pin 3 (Output)
[Logic High/NC] ---- Pin 1 (OE)
```
- ⤷
What is the exact frequency of the M7S73FBJ-R variant?
- ⤷ How does the 'Output Enable' pin affect power consumption?
- ⤷ What are the soldering precautions for a 7.0x5.0mm ceramic package?