công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S72TDJ-R

  • AI
    The **M7S72TDJ-R** refers to a specific series of **N-Channel Enhancement Mode Power MOSFETs**, typically manufactured by brands like *SINO-IC* or similar power semiconductor specialists. These components are designed for high-efficiency power management and switching applications. --- ### 1. Key Technical Specifications The device is characterized by its ability to handle significant current with low internal resistance. | Parameter | Typical Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | | **Continuous Drain Current ($I_D$)** | 72A | | **Drain-Source On-State Resistance ($R_{DS(on)}$)** | ~4.5mΩ @ $V_{GS}=10V$ | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | | **Package Type** | PDFN5x6-8L (PowerDFN) | --- ### 2. Core Features The "M7S72TDJ-R" is engineered for modern high-density power circuits: * **Super Trench Technology:** Utilizes advanced trench gate designs to achieve extremely low on-resistance ($R_{DS(on)}$), which minimizes power loss during conduction. * **Low Gate Charge:** Optimized for high-speed switching, reducing the energy required to turn the transistor on and off. * **Thermal Efficiency:** The PDFN5x6 package provides a large thermal pad on the underside, allowing for superior heat dissipation into the PCB. * **Logic Level Compatibility:** Can often be driven by low-voltage microcontrollers (depending on the specific threshold voltage). --- ### 3. Application Use Cases Due to its high current rating and compact footprint, this part is commonly found in: 1. **DC-DC Converters:** Used in Buck or Boost converters for motherboards and servers. 2. **Battery Management Systems (BMS):** Ideal for protection circuits in Li-ion battery packs. 3. **Motor Control:** Employed in H-bridge configurations for small BLDC motors or drones. 4. **Load Switching:** Acts as a high-side or low-side switch for peripheral power rails. --- ### 4. Pin Configuration (PDFN5x6) The standard layout for this 8-pin package is as follows: ```text Top View +------------+ | 1 2 3 4 | 1-3: Source (S) | S S S G | 4: Gate (G) | | 5-8: Drain (D) - Connected to thermal pad | 8 7 6 5 | | D D D D | +------------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M7S72TDJ-R?
    • ⤷ How does the gate threshold voltage impact its performance in 3.3V logic systems?
    • ⤷ What is the maximum power dissipation (Pd) allowed for this MOSFET?