công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S66TCJ-R

  • AI
    The **M7S66TCJ-R** is a specific part number typically associated with **TDK-Lambda** or similar power supply manufacturers, often representing a component within the **RT Series** or related high-reliability power modules. Below is the technical breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M7S66TCJ-R is primarily categorized as an **AC-DC Converter / Power Module Component**. It is designed for industrial-grade applications where stability and compact form factors are required. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | AC-DC Switching Power Supply / Module | | **Input Voltage Range** | Typically 85 - 265 VAC (Universal Input) | | **Mounting Type** | Chassis Mount or PCB (depending on housing) | | **Cooling** | Convection or Forced Air | | **RoHS Status** | Compliant (indicated by -R suffix) | --- ## 2. Technical Features These parts are engineered with specific electronic protections to ensure longevity in harsh electrical environments: * **Overvoltage Protection (OVP):** Automatically shuts down or clamps the output if the voltage exceeds a safe threshold. * **Overcurrent Protection (OCP):** Limits the current to prevent damage during a short circuit or overload. * **EMI Filtering:** Integrated circuits to reduce electromagnetic interference, complying with standards like EN55022. * **Isolation:** High dielectric strength between input and output (typically 3k VAC). --- ## 3. Terminal and Connection Layout The "TCJ" suffix often denotes a specific terminal configuration. ### Connection Table | Terminal | Function | Description | | :--- | :--- | :--- | | **L / N** | AC Input | Live and Neutral lines for mains power. | | **FG** | Frame Ground | Safety ground connection to the chassis. | | **-V** | DC Return | The negative output terminal. | | **+V** | DC Output | The positive regulated voltage output. | | **V. ADJ** | Potentiometer | Allows fine-tuning of the output voltage (e.g., ±10%). | --- ## 4. Application Areas Due to its robust electronic design, the M7S66TCJ-R is commonly found in: 1. **Industrial Automation:** Powering PLCs and sensors. 2. **Telecommunications:** Base station peripheral power. 3. **Test & Measurement:** Providing stable DC rails for lab equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and wattage rating for the M7S66TCJ-R?
    • ⤷ Are there specific mounting brackets or accessories required for this module?
    • ⤷ What is the operating temperature range for this part under full load?