công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S62FAJ-R

  • AI
    The **M7S62FAJ-R** belongs to a specialized category of electronic components, typically classified as an **Oscillator** (specifically a Crystal Oscillator or a programmable XO). These components are critical for providing a stable clock signal to microprocessors, FPGAs, and communication interfaces. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Hosonic* or *EPSON* naming conventions), the "M7S" series generally follows these parameters: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Component Type** | SPXO / Crystal Oscillator | Simple Packaged Crystal Oscillator. | | **Output Type** | CMOS / TTL | Standard logic levels for digital circuits. | | **Supply Voltage (Vcc)** | 3.3V or 5.0V | The standard operating voltage for the IC. | | **Frequency Range** | 1.0 MHz to 125 MHz | Depends on the specific "FAJ" factory tuning. | | **Package Size** | 7.0 x 5.0 mm | Standard 4-pad SMD (Surface Mount Device). | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature rating. | --- ### 2. Physical Layout and Pinout The device usually features a 4-pad ceramic package. The standard pin configuration is: 1. **Pad 1: OE (Output Enable)** or No Connection. When OE is high, the clock signal is active. 2. **Pad 2: GND** (Ground). 3. **Pad 3: Output**. This is where the square wave clock signal is delivered to the PCB. 4. **Pad 4: Vcc**. DC power supply input. --- ### 3. Suffix Breakdown (General Convention) The alphanumeric code often provides specific details about the part's tolerances: * **M7S**: Series designation (7.0 x 5.0mm size). * **62**: Often refers to frequency stability (e.g., ±25ppm or ±50ppm). * **FAJ**: Represents the specific frequency code and operating voltage settings. * **-R**: Generally indicates **RoHS Compliant** and provided on **Tape & Reel** for automated assembly. --- ### 4. Common Applications * **Networking:** Providing timing for Ethernet controllers and switches. * **Embedded Systems:** Master clock for ARM or AVR microcontrollers. * **Industrial Automation:** Timing for PLCs and sensor interfaces where stability over temperature is required. --- ### 5. Implementation Example To use this part in a circuit, you would typically follow this basic schematic pattern: ```c // Connection Logic [Vcc 3.3V] ----> Pad 4 (Vcc) [0.1uF Bypass Capacitor to GND] [GND] ---------> Pad 2 (GND) [Output] ------> Pad 3 (To MCU Clock Input) [Control] -----> Pad 1 (OE - Pull high to enable) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M7S62FAJ-R variant?
    • ⤷ Can this oscillator be used in automotive applications?
    • ⤷ What are the recommended decoupling capacitor values for this part?