AI

The **M7S58TDJ-R** is a specialized high-performance electronic component, typically classified as a **DDR4 SDRAM** (Synchronous Dynamic Random Access Memory) chip manufactured by **SK hynix**.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Key Technical Specifications
This component is part of the memory architecture used in high-bandwidth computing environments.
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Density** | 8Gb (Gigabit) / 1GB (Gigabyte) |
| **Configuration** | 1G x 8 (Internal Banks) |
| **Voltage (Vdd)** | 1.2V (Low Power Consumption) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temp** | 0°C to 95°C (Commercial/Extended) |
---
### 2. Functional Architecture
The M7S58TDJ-R operates using several advanced electronic mechanisms to ensure data integrity and speed:
* **Differential Clocking:** It uses differential clock inputs (CK and /CK) to synchronize data transfers on both the rising and falling edges of the clock signal.
* **Data Strobe (DQS):** It utilizes a bi-directional data strobe to facilitate source-synchronous data capture.
* **On-Die Termination (ODT):** This internal feature improves signal integrity by reducing reflections on the data bus, eliminating the need for external resistors on the PCB.
* **Refresh Cycles:** Like all DRAM, it requires periodic refreshing; however, this specific chip supports **Auto-Refresh** and **Self-Refresh** modes to maintain data while minimizing power draw.
---
### 3. Pinout and Physical Interface
Since the chip uses an **FBGA package**, the electronic connections (pins) are small solder balls located on the underside of the component.
1. **Address Inputs:** Used to select specific rows and columns within the memory banks.
2. **Data I/O (DQ):** The bidirectional lines where data is actually sent and received.
3. **Command Pins:** Including RAS (Row Address Strobe), CAS (Column Address Strobe), and WE (Write Enable) to define the operation (Read, Write, Precharge).
---
### 4. Common Applications
Due to its high density and speed, the M7S58TDJ-R is frequently found in:
* **Server Modules (RDIMMs):** Providing high-capacity memory for data centers.
* **Desktop/Laptop RAM:** Used in DDR4 sticks (DIMMs/SO-DIMMs).
* **Embedded Systems:** Industrial PCs and networking hardware requiring stable, high-speed volatile memory.
- ⤷
What are the specific timing latencies for the M7S58TDJ-R?
- ⤷ How does the FBGA package compare to TSOP in terms of thermal performance?
- ⤷ Is this chip compatible with DDR5 memory controllers?