M7S55FAJ-R
AI

Based on the part number **M7S55FAJ-R**, this component belongs to the **M7S series** of high-performance crystal oscillators manufactured by **NDK (Nihon Dempa Kogyo Co., Ltd.)**.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The M7S series is a line of SPXO (Simple Packaged Crystal Oscillators) known for their high frequency stability and compact surface-mount design.
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | NDK (Nihon Dempa Kogyo) |
| **Part Series** | M7S Series |
| **Output Type** | CMOS / TTL Compatible |
| **Package Size** | 7.0 x 5.0 mm (Standard 7050 SMD) |
| **Supply Voltage ($V_{CC}$)** | Typically 3.3V or 5.0V (depending on sub-code) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Functional Block Breakdown
A crystal oscillator like the M7S55FAJ-R integrates several electronic sub-components into a single ceramic package:
1. **AT-Cut Quartz Crystal Unit:** The heart of the part, providing the mechanical resonance.
2. **Oscillation IC:** A specialized CMOS IC that maintains the vibration of the crystal and converts it into a square wave signal.
3. **Output Buffer:** Ensures the signal is strong enough to drive the load of the target PCB trace without degrading.
4. **Standby/Tri-state Function:** Usually allows the clock output to be disabled to save power in mobile or battery-operated devices.
---
### 3. Pin Configuration
The M7S55FAJ-R typically follows the standard 4-pad layout for 7050 oscillators:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **#1** | Standby or NC | High or Open = Output Enabled; Low = High Impedance |
| **#2** | GND | Ground Connection |
| **#3** | Output | The generated clock signal (Square Wave) |
| **#4** | $V_{CC}$ | Positive Supply Voltage |
---
### 4. Key Performance Characteristics
* **Frequency Stability:** Usually ranges from $\pm20$ ppm to $\pm100$ ppm depending on the specific suffix, covering temperature fluctuations.
* **Operating Temperature:** Typically rated for $-40^\circ\text{C}$ to $+85^\circ\text{C}$ (Industrial grade).
* **Low Phase Jitter:** Designed for high-speed data applications where timing precision is critical.
### 5. Common Applications
* **Networking:** Switches, routers, and gateways.
* **Industrial:** PLCs (Programmable Logic Controllers) and automation sensors.
* **Computing:** High-speed motherboards and peripheral interfaces.
---
- ⤷
What is the exact frequency of the M7S55FAJ-R version?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?
- ⤷ How does the 'FAJ' suffix influence the temperature stability rating?