M7S51FBJ-R
AI

The **M7S51FBJ-R** belongs to a specific category of high-performance timing components. It is a **Programmable Crystal Oscillator** manufactured by MtronPTI. These parts are critical in digital circuits for providing a stable clock signal.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Series** | M7S Series |
| **Output Type** | CMOS / TTL |
| **Package Type** | 5x7 mm Surface Mount (SMD) |
| **Operating Voltage** | 5.0V (Standard for FBJ suffix) |
| **Stability** | ±100 ppm (Standard) |
| **Frequency Range** | 1.000 MHz to 125.000 MHz |
| **Termination** | RoHS Compliant / Lead-Free |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's architecture:
* **M7S**: Represents the series (5x7mm SMD, CMOS/TTL output).
* **51**: Usually denotes the voltage and stability combination (5.0V operation).
* **FBJ**: This is a specific internal factory code for the programmed frequency and temperature range (typically -40°C to +85°C for industrial grade).
* **-R**: Indicates that the part is **RoHS Compliant** (Restriction of Hazardous Substances).
---
### 3. Electronic Architecture
The internal structure of the M7S51FBJ-R consists of three main electronic stages:
1. **Quartz Crystal Resonator:** A tiny piece of quartz that vibrates at a high frequency when electricity is applied (Piezoelectric effect).
2. **Frequency Synthesizer (PLL):** Unlike fixed-frequency oscillators, the M7S series uses a Phase-Locked Loop to "multiply" or "divide" the base crystal frequency to the specific value required by the user.
3. **Output Buffer:** A CMOS/TTL driver that ensures the clock signal is strong enough to travel across a Printed Circuit Board (PCB) to reach CPUs, FPGAs, or Microcontrollers.
---
### 4. Typical Applications
* **Networking:** Routers, switches, and modems.
* **Industrial:** PLCs (Programmable Logic Controllers) and automation sensors.
* **Computing:** High-speed data transfer interfaces.
* **Testing:** Signal generators and measurement equipment.
---
- ⤷
How do I determine the exact programmed frequency of this part?
- ⤷ What are the pinout configurations for a 5x7mm SMD oscillator?
- ⤷ Can I use a 3.3V power supply with the M7S51FBJ-R?