M7S45FBJ-R
AI

The **M7S45FBJ-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like **Mercury Electronic**. These components are essential in digital circuits to provide a stable clock signal.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO) |
| **Frequency Range** | Typically fixed (e.g., 1MHz to 150MHz depending on specific variant) |
| **Supply Voltage** | 5.0V (Standard for the '7S' series) |
| **Output Type** | CMOS / TTL |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 7.0 x 5.0 mm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Internal Components
The "Electronic Parts" inside this small SMD package consist of three primary elements:
1. **The Quartz Blank:** A precision-cut piece of synthetic quartz. It acts as the resonator, vibrating at a specific frequency when an electric field is applied (Piezoelectric effect).
2. **The Oscillator IC:** An integrated circuit that contains the inverter/amplifier to maintain the oscillation and the output buffer to drive the signal to the rest of the PCB.
3. **Varactor/Capacitors:** Internal load capacitors that ensure the crystal stays on its resonant frequency.
---
### 3. Part Number Decoder
While coding varies by manufacturer, the **M7S** series generally follows this logic:
* **M7S:** Refers to the series (7.0x5.0mm, 5.0V operation).
* **45:** Often denotes frequency stability (e.g., ±50ppm or ±25ppm).
* **FB:** Refers to the operating temperature range and output symmetry.
* **J:** Often indicates the specific "Tri-state" function (Enable/Disable pin).
* **R:** Usually signifies **RoHS Compliant** or "Tape and Reel" packaging.
---
### 4. Typical Applications
* **Microcontrollers:** Providing the external clock for high-speed MCUs.
* **Networking:** Ethernet switches and routers requiring precise timing.
* **Industrial Automation:** Control systems that operate in wide temperature ranges.
- ⤷
What is the difference between a crystal and a crystal oscillator like the M7S45FBJ-R?
- ⤷ How do I interpret the 'Tri-state' function on pin 1 of this device?
- ⤷ What are the common failure modes for SMD oscillators in high-vibration environments?