công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S43FAJ-R

  • AI
    The **M7S43FAJ-R** is an electronic component manufactured by **ALPS Alpine**. It belongs to the category of high-precision, low-profile mechanical switches, specifically a **Tactile Switch** (also known as a SMT Tact Switch). --- ### 1. General Specifications These switches are designed for compact consumer electronics where space is limited but high reliability is required. | Feature | Specification | | :--- | :--- | | **Manufacturer** | ALPS Alpine | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Direction** | Vertical (Top Actuated) | | **Circuitry** | SPST (Single Pole Single Throw) | | **Operating Force** | Typically 1.6N to 2.5N (Model specific) | | **Travel** | Short stroke (0.1mm to 0.25mm) | --- ### 2. Key Internal Components The "electronic parts" within this specific switch assembly include: * **Actuator (Stem):** The physical button that the user presses. In the M7S series, this is often made of heat-resistant resin. * **Contact Dome:** A metal snap-plate (usually stainless steel or silver-plated copper). This acts as the "spring" and the moving contact. When pressed, it collapses to complete the circuit and provides the "click" feedback. * **Base/Housing:** A high-temperature thermoplastic (LCP - Liquid Crystal Polymer) that holds the terminals and provides insulation. * **Terminals:** Lead-free, silver-plated pins designed for reflow soldering onto a PCB. --- ### 3. Application Areas Due to its small footprint and durability, the M7S43FAJ-R is commonly found in: 1. **Wearables:** Smartwatches and fitness trackers. 2. **Mobile Devices:** Volume or power buttons for smartphones. 3. **Portable Audio:** TWS (True Wireless Stereo) earbud controls. 4. **Medical:** Small handheld diagnostic devices. --- ### 4. Technical Characteristics * **Durability:** Usually rated for 100,000 to 500,000 cycles depending on the specific sub-variant. * **IP Rating:** Often features a dust-proof or water-resistant design (standard for modern tactile switches used in mobile tech). * **Reflow Compatibility:** Designed to withstand the high temperatures of lead-free soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the exact operating force and travel distance for the M7S43FAJ-R variant?
    • ⤷ Can you provide the PCB footprint dimensions for this switch?
    • ⤷ What are the environmental sealing ratings (IP) for the ALPS M7S series?