công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S34TAJ-R

  • AI
    The **M7S34TAJ-R** belongs to a specific category of high-performance quartz crystal oscillators. Below is a breakdown of its electronic characteristics, technical specifications, and typical applications. --- ## 1. Component Identification The part number follows a standard nomenclature for **MEMS or Crystal Oscillators**, typically manufactured by companies like *Mercury Electronic* or similar precision timing component providers. | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Crystal Oscillator (SPXO) | | **Package Type** | Surface Mount Device (SMD) | | **Package Size** | 7.0 x 5.0 mm (Standard 7050 size) | | **Output Type** | CMOS / TTL Compatible | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ## 2. Technical Specifications The "M7S" series generally refers to 5.0V or 3.3V oscillators designed for high stability. ### Electrical Characteristics * **Frequency Range:** Usually spans from 1 MHz up to 125 MHz (specific frequency is usually etched on the casing). * **Supply Voltage ($V_{DD}$):** Typically **3.3V** (indicated by the '3' in the suffix) or 5.0V. * **Frequency Stability:** Often ±25ppm to ±100ppm depending on the specific grade. * **Operating Temperature:** Generally ranges from **-40°C to +85°C** (Industrial Grade). ### Pin Configuration (4-Pad Layout) | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connection | | **2** | GND | Case Ground | | **3** | Output | Clock Signal Output | | **4** | $V_{DD}$ | Power Supply Voltage | --- ## 3. Key Features * **Tri-State Function:** Pin 1 allows the output to go into a high-impedance state, which is useful for testing or power-saving modes. * **Low Phase Jitter:** Designed for high-speed data transmission to minimize timing errors. * **Durability:** The "TAJ" designation often refers to specific environmental testing parameters, including vibration and shock resistance. --- ## 4. Typical Applications These oscillators are used in circuits requiring a reliable "heartbeat" or clock signal: 1. **Networking:** Ethernet switches, routers, and gateways. 2. **Computing:** Motherboards, embedded systems, and RISC processors. 3. **Industrial:** PLC controllers and automated measuring equipment. 4. **Storage:** Fibre Channel and SAN equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency for the M7S34TAJ-R in your circuit?
    • ⤷ How do I implement the Tri-state (Enable/Disable) function on Pin 1?
    • ⤷ What are the equivalent alternatives for a 7050 size oscillator?