M7S34FAJ-R
AI

Based on the part number provided, the **M7S34FAJ-R** is a high-performance **Crystal Oscillator** (specifically a SPXO - Simple Packaged Crystal Oscillator) manufactured by **MtronPTI**.
These components are used to provide a precise frequency reference for digital circuits, telecommunications equipment, and industrial controllers.
---
### 1. Technical Specifications
The "M7S" series represents a specific line of CMOS/TTL compatible oscillators. Below are the typical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | HCMOS / TTL |
| **Package Type** | 5.0 x 7.0 mm Surface Mount (SMD) |
| **Supply Voltage** | Typically 3.3V or 5.0V (Variant dependent) |
| **Frequency Stability** | Usually ±25ppm to ±100ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Pin Count** | 4-Pad |
---
### 2. Part Number Breakdown (Nomenclature)
While full proprietary datasheets vary, the code generally breaks down as follows:
* **M7S**: Series designation (Surface Mount, 5x7mm package).
* **34**: Often refers to the voltage and stability combination (e.g., 3.3V operation).
* **F**: Stability or Temperature code (Frequency tolerance).
* **AJ**: Specific frequency or custom calibration code.
* **-R**: Indicates compliance with **RoHS** (Lead-free) regulations.
---
### 3. Key Electronic Functions
The M7S34FAJ-R performs three primary functions within an electronic assembly:
1. **Clock Generation:** It acts as the "heartbeat" for microprocessors, FPGAs, and ASICs.
2. **Signal Timing:** Ensures that data transfer between different integrated circuits (ICs) happens at the correct time intervals.
3. **Frequency Control:** Maintains a stable output frequency despite changes in temperature or power supply fluctuations.
---
### 4. Typical Applications
* **Networking:** Routers, switches, and high-speed modems.
* **Industrial:** Programmable Logic Controllers (PLCs) and automated sensor arrays.
* **Storage:** Fiber Channel and Storage Area Networks (SAN).
---
- ⤷
What is the specific output frequency of the M7S34FAJ-R variant?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?
- ⤷ How do I interpret the 'FAJ' portion of the MtronPTI numbering scheme?