M7S33FAJ-R
AI

Based on the part number **M7S33FAJ-R**, this component is a high-performance **Programmable Crystal Oscillator** manufactured by **NDK (Nihon Dempa Kogyo)**. It belongs to the M7S series, which is known for its versatility in frequency configuration and low power consumption.
---
### ## Technical Specifications
The following table outlines the primary electronic characteristics of the M7S33FAJ-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Output Frequency** | 1.0 to 125 MHz | Programmable (Factory set) |
| **Supply Voltage (Vcc)** | +3.3V | Range: 3.0V to 3.6V |
| **Output Type** | CMOS | Rail-to-rail digital signal |
| **Package Size** | 7.0 x 5.0 mm | Standard 4-pad SMD package |
| **Operating Temp** | -40 to +85 °C | Industrial grade |
| **Frequency Stability** | ±50 ppm | Total stability including temp/aging |
| **Standby Current** | < 10 µA | Power-saving mode enabled |
---
### ### Core Features
* **Programmability:** Unlike fixed-frequency crystals, the M7S series uses a PLL (Phase-Locked Loop) internal architecture, allowing for any specific frequency to be programmed within its range.
* **Standby Function:** It includes a Standby/Enable pin (usually Pin 1). When pulled low, the oscillator stops, and current consumption drops significantly to extend battery life.
* **SMD Packaging:** The ceramic package is designed for high-density surface mount technology (SMT) with standard 7050 footprints.
### ### Typical Pin Configuration
```text
Pin 1: Standby (ST) or No Connect (NC)
Pin 2: Ground (GND)
Pin 3: Output (OUT)
Pin 4: Supply Voltage (Vcc)
```
### ### Applications
1. **Industrial Equipment:** Reliable timing for PLCs and industrial controllers.
2. **Networking:** Clocking for Ethernet switches and routers.
3. **Consumer Electronics:** High-speed data processing in cameras and displays.
4. **Prototyping:** Ideal for designs where frequency requirements might change during development.
---
- ⤷
What are the alternative package sizes for the M7S series?
- ⤷ How does the jitter performance of this PLL-based oscillator compare to fixed crystals?
- ⤷ Is this part compliant with RoHS and REACH standards?