công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S26TCJ-R

  • AI
    The **M7S26TCJ-R** belongs to a specific category of passive electronic components, typically identifying as a **Quartz Crystal Oscillator** or a **Resonator** package. These components are essential for providing a stable clock signal to microprocessors and digital circuits. --- ## 1. Technical Specifications While specific internal datasheets can vary by manufacturer (often associated with brands like TXC, Hosonic, or Epson), the part number breakdown generally follows this structure: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Quartz Crystal | | **Frequency Range** | Usually 26.000 MHz (indicated by "26") | | **Package Size** | 7.0mm x 5.0mm (indicated by "7") | | **Mounting Type** | Surface Mount Device (SMD) | | **Load Capacitance** | Typically 7pF to 12pF | | **Stability** | ±10ppm to ±30ppm | --- ## 2. Component Construction The "M7S" series generally refers to a 4-pad ceramic package designed for high reliability. ### Pin Configuration In a standard 7050 (7.0x5.0mm) 4-pad layout: 1. **Pad 1:** Crystal Terminal / Input 2. **Pad 2:** Ground (GND) / Case Ground 3. **Pad 3:** Crystal Terminal / Output 4. **Pad 4:** Ground (GND) --- ## 3. Key Applications Because of the 26MHz frequency (a common standard for wireless protocols), this part is frequently found in: * **Bluetooth Modules:** Providing the base clock for frequency hopping. * **Wi-Fi Controllers:** Synchronizing data transmission packets. * **GPS Receivers:** Used for precise timing in satellite signal acquisition. * **Embedded Systems:** Acting as the external heart for ARM Cortex microcontrollers. --- ## 4. Circuit Implementation Example To use this component, it is typically paired with two ceramic load capacitors ($C_1$ and $C_2$) to create a Pierce Oscillator circuit. ```c // Conceptual logic for a Microcontroller using the M7S26TCJ-R void SystemClock_Config(void) { // 1. Enable External High Speed oscillator (HSE) // 2. Set Frequency to 26MHz based on M7S26 specs // 3. Wait for Oscillator to stabilize // 4. Set as System Clock source } ``` --- ## 5. Manufacturing Features (Suffix Meaning) * **TCJ:** Often denotes the specific temperature range (Industrial grade, -40°C to +85°C). * **-R:** Standard industry notation for **Tape & Reel** packaging, intended for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the specific load capacitance requirements for the M7S26TCJ-R?
    • ⤷ How does the frequency stability of this crystal compare to an MEMS oscillator?
    • ⤷ Can this component be used in automotive applications
    • ⤷ or is it strictly consumer grade?