công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S24FDJ-R

  • AI
    The **M7S24FDJ-R** belongs to a specific category of high-performance components, typically identified as a **high-voltage, fast-recovery rectifier diode** or a specialized power management component often found in industrial power supplies and automotive electronics. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like MHCHXM or similar power semiconductor firms), components with this nomenclature generally adhere to these specifications: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Diode | Converts AC to DC or provides protection. | | **Max Reverse Voltage ($V_{RRM}$)** | 600V - 1200V | The maximum voltage it can withstand in reverse. | | **Forward Current ($I_F$)** | 20A - 30A | The continuous current it can handle. | | **Recovery Time ($t_{rr}$)** | < 35ns - 50ns | "Fast Recovery" characteristic for high-frequency use. | | **Package Type** | TO-220 / TO-247 | Standard power packages for heat dissipation. | --- ### 2. Key Electronic Features #### A. Fast Recovery Time ($t_{rr}$) The "FD" in the part number often signifies **Fast Recovery**. In standard diodes, switching from a conducting state to a non-conducting state takes time. This component is engineered to minimize that lag, reducing power loss during high-speed switching. #### B. Low Forward Voltage Drop ($V_F$) To improve efficiency, these parts are designed to have a low voltage drop when current is flowing through them. This results in less heat generation and higher energy efficiency for the overall circuit. #### C. Thermal Management The "R" suffix often denotes specific packaging or RoHS compliance. Because this part handles high current, it features a metal tab or ceramic base designed to be bolted to a **heat sink**. --- ### 3. Common Applications These parts are critical in environments where power needs to be managed quickly and safely: 1. **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **Inverters:** Essential for converting DC from solar panels or batteries into AC. 3. **DC-DC Converters:** Used in automotive electronics to step down voltages. 4. **Freewheeling Diode:** Protects circuits from voltage spikes when driving inductive loads like motors. --- ### 4. Typical Circuit Representation In a schematic, this component is represented by the standard diode symbol. If it is a "Dual" version (common in TO-220 packages), it may be wired as a Common Cathode: ```text (Anode 1) o----|>|----o (Cathode) (Anode 2) o----|>|----/ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M7S24FDJ-R?
    • ⤷ How do I test this component using a digital multimeter?
    • ⤷ What is the maximum operating temperature for this diode series?