M7S24FAJ-R
AI

The **M7S24FAJ-R** is a high-performance **Crystal Oscillator** (specifically a SPXO - Simple Packaged Crystal Oscillator) manufactured by **KDS Daishinku Corp**. It is part of the M7S series, known for its small form factor and low power consumption.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 24.000 MHz |
| **Supply Voltage (Vcc)** | +1.8V to +3.3V (Typical) |
| **Output Type** | CMOS |
| **Package Size** | 7.0 x 5.0 mm |
| **Pin Count** | 4 Pins |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±25ppm to ±100ppm (Depending on specific suffix) |
---
### 2. Pin Configuration
The device uses a standard 4-pad layout common to SMD (Surface Mount Device) oscillators:
1. **Pad 1: Standby (OE)** - Output Enable. High or Open allows the oscillator to function; Low puts it into standby mode.
2. **Pad 2: GND** - Connected to the system ground.
3. **Pad 3: Output** - The 24MHz clock signal output.
4. **Pad 4: Vcc** - Power supply input.
---
### 3. Core Features
* **Tri-state Function:** Pad 1 allows the device to be disabled to save power, which is critical for battery-operated electronics.
* **CMOS Drive:** Capable of driving standard CMOS logic loads directly without additional buffering.
* **Reflow Solderable:** Designed for standard industrial SMD assembly processes.
* **Low Jitter:** Engineered to provide a clean clock signal for sensitive digital circuits.
---
### 4. Common Applications
This specific frequency (24MHz) and package type are frequently used in:
* **Microcontrollers (MCUs):** Providing the external clock source for ARM Cortex chips.
* **Communication Equipment:** Ethernet controllers, Wi-Fi modules, and Bluetooth SOCs.
* **Consumer Electronics:** Digital cameras, printers, and portable media players.
* **Industrial Automation:** PLCs and sensor interfaces.
---
- ⤷
What is the maximum current consumption of the M7S24FAJ-R in standby mode?
- ⤷ How does the frequency stability of this oscillator compare to a standard ceramic resonator?
- ⤷ Can this oscillator be used in automotive applications requiring AEC-Q200 qualification?