công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S21FDJ-R

  • AI
    The **M7S21FDJ-R** is a specific part number belonging to a series of high-precision, surface-mount (SMD) **TCXO (Temperature Compensated Crystal Oscillators)**, typically manufactured by companies like **Mercury Electronic**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Size** | 7.0 x 5.0 mm (6 pads) | | **Output Type** | CMOS / LVCMOS | | **Supply Voltage (Vdd)** | 3.3V (Typical for the 'S' or 'FD' series) | | **Frequency Stability** | ±2.5 ppm (Standard for this series) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ## 2. Part Number Breakdown While manufacturer coding can vary slightly, the prefix typically follows this logic: * **M7S:** Refers to the series and the physical package size (7.0 x 5.0 mm). * **21:** Often refers to the specific voltage or stability classification (e.g., 2.5V or 3.3V). * **FD:** Designates the output waveform (usually HCMOS/TTL compatible). * **J:** Often denotes the operating temperature range (Industrial). * **R:** Indicates **RoHS compliance** (Lead-free). --- ## 3. Key Electronic Features ### A. Temperature Compensation Unlike standard crystals, this part contains an internal compensation circuit (thermistor network or IC) that adjusts the frequency output based on ambient temperature changes. This ensures the clock signal remains stable even in harsh environments. ### B. Low Phase Noise These components are engineered to have low jitter, making them ideal for high-speed data transmission and wireless communication where timing precision is critical. ### C. Tri-state Function The 6-pad configuration usually includes an **Enable/Disable** (OE) pin. This allows the oscillator to be turned off electronically to save power without disconnecting the main power supply. --- ## 4. Common Applications * **Networking:** Routers, switches, and base stations. * **Telecommunications:** SONET/SDH and WiMAX equipment. * **Industrial:** High-precision measuring instruments and GPS tracking modules. * **Storage:** Fiber channel and SATA controllers. --- ## 5. Typical Pin Configuration (Bottom View) | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | OE or NC | Output Enable or No Connect | | 2 | NC | No Connection | | 3 | GND | Ground | | 4 | Output | Frequency Signal Output | | 5 | NC | No Connection | | 6 | Vdd | Supply Voltage |
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range available for the M7S series?
    • ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
    • ⤷ Can you provide a PCB footprint recommendation for a 7x5mm SMD oscillator?