AI

The **M7S21FCJ-R** belongs to a specific category of high-performance components, typically categorized as a **Surface Mount (SMD) Quartz Crystal Oscillator**. These components are essential for providing a stable clock frequency to microprocessors, DSPs, and other digital circuits.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like **Hosonic** or **Kyocera**), the "M7S" series generally follows these technical parameters:
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Size** | 7.0 x 5.0 mm (4 Pads) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vdd)** | Usually 3.3V or 5.0V |
| **Frequency Range** | 1.000 MHz to 150.000 MHz |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Breakdown of the Part Number
Though naming conventions differ, the suffix codes usually represent the following:
* **M7S**: Series identifier (7x5mm package size).
* **21**: Often refers to frequency stability (e.g., ±25ppm or ±50ppm).
* **FC**: Functional code (Output type, typically CMOS).
* **J**: Operating temperature range (Standard or Industrial).
* **-R**: RoHS Compliant / Lead-Free.
---
### 3. Pin Configuration
For a standard 7050 (7.0x5.0mm) 4-pad oscillator like the M7S, the pinout is almost always standardized:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **OE or NC** | Output Enable (High = Active) or No Connection |
| **2** | **GND** | Ground / Case Connection |
| **3** | **Output** | Clock Signal Output |
| **4** | **Vdd** | Power Supply Voltage |
---
### 4. Key Applications
Because of its size and stability, the M7S21FCJ-R is commonly found in:
1. **Networking Hardware:** Routers, switches, and modems.
2. **Industrial Controllers:** PLC units and automation sensors.
3. **Computing:** Motherboards and peripheral interface cards.
4. **Audio/Video:** Digital signal processing for high-fidelity equipment.
---
### 5. Schematic Symbol Representation
```text
+-----------+
(1)-| OE Vdd |-(4)
| |
(2)-| GND OUT |-(3)
+-----------+
```
- ⤷
What is the exact frequency value for the 'M7S21FCJ-R' in your specific application?
- ⤷ How does the Output Enable (OE) pin affect power consumption in this circuit?
- ⤷ Are there smaller package alternatives if 7.0x5.0mm is too large for the PCB?