công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S16TCJ-R

  • AI
    ## Technical Analysis of M7S16TCJ-R The **M7S16TCJ-R** is an integrated circuit (IC) primarily categorized as a **DRAM (Dynamic Random Access Memory)** module, specifically a legacy SDRAM or specialized memory buffer component often found in telecommunications or legacy computing equipment. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Dynamic RAM (DRAM) | | **Capacity** | 16 Megabits (16Mb) | | **Configuration** | Likely 1M x 16-bit or 2M x 8-bit | | **Package Type** | SOJ (Small Outline J-lead) or TSOP | | **Voltage** | Typically 3.3V (LVTTL compatible) | | **Access Time** | 7ns to 12ns (depending on speed grade) | --- ### 2. Key Electronic Characteristics The part number suffix and prefix provide specific details regarding its operation: * **M7S Series:** Typically indicates a synchronous or high-speed architectural design designed for buffering operations. * **16:** Represents the density (16 Megabits). * **TCJ:** Refers to the physical packaging. "J" usually denotes a **SOJ (Small Outline J-lead)** package, which is designed for surface mount technology (SMT) and provides high thermal dissipation. * **-R:** Generally indicates **RoHS compliance** (Lead-Free) or a specific tape-and-reel packaging format for automated assembly. --- ### 3. Pinout and Functional Blocks While specific pinouts vary by manufacturer (often associated with brands like OKI or Mitsubishi), these chips generally include: 1. **Address Inputs (A0-A11):** Used to select specific rows and columns within the memory array. 2. **Data I/O (DQ0-DQ15):** The bidirectional lines for reading and writing data. 3. **Control Signals:** * **WE (Write Enable):** Controls whether data is written to the chip. * **CAS (Column Address Strobe):** Latches the column address. * **RAS (Row Address Strobe):** Latches the row address. * **OE (Output Enable):** Manages the data output buffers. --- ### 4. Common Applications Due to its 16Mb density, this part is commonly used in: * **Networking Equipment:** Buffer memory for routers and switches. * **Printers:** Image processing buffers. * **Embedded Systems:** Working memory for microcontrollers that require more RAM than what is available on-chip. * **Legacy PC Components:** Graphics card memory or cache for older motherboards. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M7S16TCJ-R?
    • ⤷ What are the specific timing constraints for the 'R' speed grade?
    • ⤷ Is this part cross-compatible with the MT48LC series?