công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S12TAJ-R

  • AI
    The **M7S12TAJ-R** is a high-performance **Crystal Oscillator** manufactured by MtronPTI. It is specifically designed as a surface-mount device (SMD) providing a stable clock signal for digital circuits. --- ### 1. General Specifications This component belongs to the M7S series, known for its compact size and CMOS output compatibility. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Output Type** | CMOS / TTL | | **Package Type** | 5.0 x 7.0 mm (SMD) | | **Pin Count** | 4 Pads | | **Operating Voltage** | Typically 3.3V or 5.0V (Series dependent) | | **Frequency Stability** | Usually ±50ppm to ±100ppm | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's build: * **M7S**: Series designation (5.0 x 7.0 mm Ceramic Leadless Chip Carrier). * **12**: Often refers to frequency stability or specific voltage requirements (e.g., 1.8V, 2.5V, 3.3V). * **T**: Temperature Range (Standard Industrial: -40°C to +85°C). * **A**: Symmetry/Duty Cycle specifications (Typically 40/60% or 45/55%). * **J**: Frequency stability grade. * **R**: RoHS Compliant (Lead-free). --- ### 3. Key Electronic Characteristics The M7S12TAJ-R functions by using a quartz crystal resonator coupled with an internal integrated circuit to generate a precise square wave. * **Tri-State Function:** Most models in this series include an "Enable/Disable" function on Pin 1. This allows the output to go into a high-impedance state, reducing power consumption when the clock is not needed. * **Low Jitter:** Designed for data communication to ensure minimal timing variations. * **Drive Capability:** Capable of driving standard capacitive loads (usually 15pF to 50pF) typical of microcontrollers and FPGAs. --- ### 4. Common Applications Due to its reliability and standard footprint, it is found in: 1. **Networking:** Ethernet switches and routers. 2. **Embedded Systems:** Industrial controllers and IoT gateways. 3. **Storage:** Fibre Channel and SATA controllers. 4. **Consumer Electronics:** High-end audio/video processing equipment. --- ### 5. Pin Configuration | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **2** | GND | Circuit Ground | | **3** | Output | Clock Signal Output | | **4** | Vdd | Supply Voltage |
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the M7S12TAJ-R version you are using?
    • ⤷ How does the Tri-state function on Pin 1 affect power consumption?
    • ⤷ What are the soldering reflow requirements for this SMD package?