công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7S12FAJ-R

  • AI
    The **M7S12FAJ-R** is a high-performance **Crystal Oscillator** manufactured by **TXC Corporation**. It belongs to the M7S series, which is specifically designed to provide a stable clock signal for high-speed digital circuits, particularly those utilizing CMOS logic. ### Technical Specifications The following table summarizes the core electrical and physical characteristics of the M7S12FAJ-R: | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Standard Crystal Oscillator) | | **Output Logic** | CMOS | | **Nominal Frequency** | 12.000000 MHz | | **Supply Voltage (Vdd)** | 3.3V (Typical) | | **Frequency Stability** | ±50 ppm (standard for this series) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 7.0 x 5.0 x 1.3 mm (4 pads) | | **Mounting Type** | Surface Mount (SMD) | --- ### Key Components & Internal Structure The "Electronic Parts" within this SMD package consist of several integrated elements: 1. **AT-Cut Quartz Crystal:** The heart of the component. It uses the piezoelectric effect to vibrate at a precise 12MHz frequency. 2. **Oscillator IC:** A specialized integrated circuit that provides the gain necessary to sustain oscillation and converts the analog sine wave into a digital CMOS square wave. 3. **Tri-State Function (Enable/Disable):** Pin 1 usually acts as a control pin. When active, the clock outputs; when disabled, the output goes into a high-impedance state to save power. 4. **Ceramic Package:** A hermetically sealed ceramic base with a metal lid to protect the internal crystal from moisture and environmental interference. --- ### Part Number Breakdown Understanding the suffix and prefix helps in identifying specific features: * **M7S:** TXC Series designation (7.0 x 5.0 mm CMOS Oscillator). * **12:** Represents the frequency (12.000 MHz). * **F:** Usually denotes the frequency stability (e.g., ±50ppm). * **A:** Operating voltage code (typically 3.3V). * **J:** Temperature range code (-40 to +85°C). * **-R:** Indicates "RoHS Compliant" and typically refers to Tape & Reel packaging. ### Typical Applications * **Microcontrollers:** Providing the master clock for MCUs. * **Networking:** Ethernet switches and routers. * **Industrial Control:** PC-based controllers and automation hardware. * **Storage:** Fiber channel and SATA interfaces.
    ✨ Follow-up Questions
    • ⤷What is the difference between this crystal oscillator and a standard 2-pin crystal resonator?
    • ⤷ How do I wire the Tri-state (Enable/Disable) pin in a digital circuit?
    • ⤷ What are the power consumption characteristics of the M7S series?