công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R72FBJ-R

  • AI
    The **M7R72FBJ-R** is a specific high-performance memory module, typically identified as a **DDR5 SDRAM Registered DIMM (RDIMM)**. These modules are engineered for enterprise environments, such as servers and data centers, where data integrity and high bandwidth are critical. --- ### 1. Key Technical Specifications Below is a breakdown of the electronic characteristics and hardware components of this module: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR5 (Double Data Rate 5) | | **Module Type** | RDIMM (Registered DIMM) | | **Capacity** | Typically 16GB or 32GB (Variable by specific revision) | | **Speed** | 4800 MT/s or 5600 MT/s | | **Voltage** | 1.1V (VDD/VDDQ) | | **Error Correction** | ECC (Error Correction Code) | | **Pin Count** | 288-pin | --- ### 2. Core Electronic Components The architecture of the M7R72FBJ-R differs significantly from standard consumer RAM due to several integrated circuits (ICs): #### A. Power Management IC (PMIC) Unlike DDR4, where voltage regulation happened on the motherboard, this DDR5 module includes an on-board **PMIC**. * **Function:** It converts the 12V input from the system into the 1.1V required by the DRAM chips. * **Benefit:** This reduces power noise and allows for more granular power management. #### B. Registering Clock Driver (RCD) The "R" in RDIMM stands for Registered. * **Function:** The RCD acts as a buffer between the memory controller (CPU) and the DRAM chips. * **Benefit:** It strengthens the command/address signals, allowing the server to handle more memory modules without compromising signal integrity. #### C. On-Die ECC and Sideband ECC This module features two layers of error protection: 1. **On-Die ECC:** Corrects single-bit errors within the DRAM chip itself. 2. **Sideband ECC:** Uses additional data bits to detect and correct errors during data transmission to the CPU. --- ### 3. Physical Layout and Connectivity The module uses a **288-pin edge connector** designed for high-speed signal transmission. The layout includes: * **SPD Hub:** A small EEPROM chip that stores the module's timing profiles (SPD data) and integrates thermal sensors to monitor the module's temperature in real-time. * **DRAM ICs:** High-density chips (often manufactured by SK Hynix, Micron, or Samsung) soldered onto the PCB. --- ### 4. Implementation Use-Case Because of the **Registered** nature and the **DDR5** standard, this part is strictly for: * **Server Platforms:** Intel Xeon (Sapphire Rapids and newer) or AMD EPYC (Genoa and newer). * **Workstations:** Systems requiring high-capacity, non-stop operation.
    ✨ Follow-up Questions
    • ⤷What is the difference between an RDIMM and a UDIMM in DDR5?
    • ⤷ How does the PMIC on the M7R72FBJ-R improve system stability?
    • ⤷ Is this specific memory module compatible with consumer gaming motherboards?