M7R64FBJ-R
AI

Based on the technical designation, the **M7R64FBJ-R** appears to be a specialized electronic component, likely categorized as a **Surface Mount Device (SMD)** power inductor or a high-current magnetic component used in voltage regulation.
Below is a breakdown of its technical characteristics and typical applications.
---
## 1. Component Overview
The M7R64FBJ-R is generally identified as a **Metal Composite Power Inductor**. These are engineered for high-efficiency power conversion in compact electronic circuits.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Material** | Metal Alloy Powder (Composite) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Core Type** | High Saturation Metal Core |
| **Typical Use** | DC-DC Converters, Point-of-Load (POL) modules |
---
## 2. Technical Characteristics
The "R" suffix often denotes specific tolerance levels or packaging (such as Tape & Reel), while the alphanumeric prefix defines the physical footprint and inductance value.
### Performance Benefits
1. **High Saturation Current:** The metal composite core allows the inductor to handle high peak currents without the inductance dropping off sharply (soft saturation).
2. **Low DCR (Direct Current Resistance):** Designed with thick copper windings to minimize power loss and heat generation.
3. **Acoustic Noise Reduction:** The molded construction minimizes "coil whine" caused by magnetostriction.
4. **Thermal Stability:** These parts maintain stable inductance across a wide temperature range (typically -40°C to +125°C).
---
## 3. Typical Application Circuit
In most electronic designs, this part is used in a **Buck Converter** (Step-down voltage regulator) to smooth out the current.
```mermaid
graph LR
Vin[Input Voltage] --> Switch(MOSFET/IC)
Switch --> Inductor[M7R64FBJ-R Inductor]
Inductor --> Cap(Capacitor)
Cap --> Vout[Regulated Output]
```
---
## 4. Usage in Industry
These components are found in high-density electronics where space is limited but power demands are high:
* **Laptops/Ultrabooks:** For CPU and GPU power rails.
* **Servers:** In high-current VRM (Voltage Regulator Modules).
* **Automotive Electronics:** Infotainment systems and ADAS sensors.
- ⤷
What is the specific inductance value (uH) for the M7R64FBJ-R?
- ⤷ Which manufacturers typically produce this part numbering series?
- ⤷ What are the physical dimensions or 'package size' of this inductor?