công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R62FBJ-R

  • AI
    The **M7R62FBJ-R** is a specific part number typically associated with **Flash Memory** products, specifically from manufacturers like **Macronix (MXIC)**. It belongs to the family of high-performance Serial NOR Flash memory chips used in embedded systems. Below is a detailed breakdown of its technical characteristics and components. --- ### 1. Technical Specifications The device is designed for high-speed data storage and retrieval in applications ranging from automotive systems to industrial electronics. | Feature | Specification (Typical) | | :--- | :--- | | **Memory Type** | NOR Flash | | **Interface** | SPI (Serial Peripheral Interface), Dual SPI, Quad SPI | | **Density** | Usually 128Mb to 256Mb (varies by exact suffix) | | **Voltage Supply** | 2.7V - 3.6V (Standard) or 1.65V - 2.0V (Low Voltage) | | **Clock Frequency** | Up to 133MHz | | **Package Type** | SOP-8, WSON-8, or BGA (Depending on the "R" suffix) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Internal Electronic Architecture The chip consists of several key functional blocks: * **Memory Array:** The core matrix where data is stored in non-volatile cells. * **Control Logic:** Manages the communication protocols (SPI/QPI) and handles command decoding. * **Write Protect/Hold:** Hardware pins that prevent accidental erasure or overwrite of critical data. * **Status Register:** A volatile register that indicates if the device is busy, write-enabled, or protected. * **Charge Pump:** An internal voltage booster that generates the high voltage required for Program and Erase operations. --- ### 3. Key Features & Functionality 1. **High-Speed Read:** Supports Quad I/O data transfer, effectively quadrupling the bandwidth compared to standard SPI. 2. **Program/Erase Suspend:** Allows the system to pause an erase operation to read data from another sector, improving system latency. 3. **Security Features:** Often includes a "Unique ID" and OTP (One-Time Programmable) sectors for hardware authentication and serial numbering. 4. **Data Retention:** Typically rated for 20 years of data retention with 100,000 program/erase cycles. --- ### 4. Application Areas * **Automotive:** Storing firmware for Infotainment systems or ADAS sensors. * **Consumer Electronics:** BIOS storage for motherboards or firmware for smart home devices. * **Networking:** Storing boot code and configuration files for routers and switches. --- ### 5. Part Number Breakdown (General Pattern) While "M7R62FBJ-R" is a specific SKU, the nomenclature generally follows this logic: * **M/MX:** Manufacturer (Macronix). * **7R/25L:** Product Series (e.g., 3V Serial Flash). * **62/256:** Density indicator. * **F/B:** Package/Speed grade. * **-R:** Usually denotes "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the WSON-8 package of this chip?
    • ⤷ How does Quad SPI mode improve performance over standard SPI in this part?
    • ⤷ Is the M7R62FBJ-R AEC-Q100 qualified for automotive use?