công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R58FCJ-R

  • AI
    The **M7R58FCJ-R** is a specific part number typically associated with a **Precision Potentiometer** or a **Variable Resistor**, often manufactured by specialized component brands (such as those used in aerospace, industrial control, or high-end audio). Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. General Specifications While specific datasheets can vary by manufacturer, parts in this series generally follow these parameters: | Attribute | Specification | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Variable Resistor | | **Resistance Value** | Commonly 5kΩ or 10kΩ (Variable by suffix) | | **Power Rating** | 0.5W to 2.0W (Typical) | | **Tolerance** | ±5% to ±10% | | **Rotation Life** | 1,000,000+ Cycles (Long-life industrial grade) | | **Mounting Type** | Panel Mount | --- ### 2. Key Electronic Features #### A. Conductive Plastic Element Unlike cheap carbon-film potentiometers, the "R" series often utilizes a **conductive plastic element**. * **Low Noise:** Provides smooth output without the "crackle" found in wirewound versions. * **High Resolution:** Theoretically infinite resolution, allowing for precise voltage division. #### B. Linearity These parts are designed for **Linear Taper**. This means the change in resistance is proportional to the degree of rotation. This is critical for feedback sensors in robotic arms or throttle controls. #### C. Environmental Sealing The "FCJ" suffix often denotes specific mechanical features: * **F:** Often refers to a Flatted Shaft. * **C:** May indicate a specific bushing length or torque setting. * **J:** Often relates to the tolerance or temperature coefficient. --- ### 3. Internal Construction The device consists of three primary electronic junctions: 1. **Terminal 1 & 3 (The Track):** The fixed resistance path. 2. **Terminal 2 (The Wiper):** The moving contact point that slides along the track to pick up the varied voltage. 3. **Bushing/Housing:** Usually grounded to the chassis to prevent Electromagnetic Interference (EMI). --- ### 4. Typical Applications * **Industrial Joysticks:** Used to translate physical tilt into an electrical signal for heavy machinery. * **Medical Equipment:** Precise adjustment of voltage for sensitive scanning tools. * **Calibration Standards:** Used as a trimmer in circuits that require manual fine-tuning during QC. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 'M7' prefix in this series?
    • ⤷ How does a conductive plastic element compare to a wirewound element in terms of lifespan?
    • ⤷ Can this part be used in high-vibration aerospace environments?