công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R53FCJ-R

  • AI
    ### Overview of the M7R53FCJ-R The **M7R53FCJ-R** belongs to the **M7R series** of high-performance Solid State Drives (SSDs), specifically an Enterprise-grade NVMe drive manufactured by **Kioxia** (formerly Toshiba Memory). These drives are designed for high-endurance workloads in data centers and server environments. --- ### Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | 2.5-inch (15mm Z-height) | | **Interface** | PCIe 4.0 x4, NVMe 1.4 | | **Capacity** | 7.68 TB (Standard for this specific sub-model) | | **NAND Flash Type** | BiCS FLASH™ 3D TLC (Triple-Level Cell) | | **DWPD** | 1 to 3 (Depending on specific configuration) | | **Data Transfer Rate** | Up to 16,000 MB/s (Sequential Read) | --- ### Key Electronic Components & Technologies The "Electronic Parts" of this drive consist of complex integrated circuits and power management systems: #### 1. The Controller (The Brain) The drive utilizes a proprietary Kioxia NVMe controller. This chip manages the data flow between the PCIe interface and the NAND flash. It handles: * **Error Correction Code (ECC):** Uses sophisticated LDPC (Low-Density Parity-Check) to ensure data integrity. * **Wear Leveling:** Algorithms that distribute writes evenly across the NAND cells to extend the drive's life. #### 2. BiCS FLASH™ 3D NAND The storage media is composed of multiple layers of 3D TLC NAND. This allows for high density (7.68TB) in a small physical footprint while maintaining the performance required for enterprise tasks. #### 3. DRAM Cache To speed up data mapping and reduce latency, the drive includes high-speed **LPDDR4 DRAM** chips. These store the "Logical-to-Physical" mapping tables, allowing the controller to locate data instantly without querying the slower NAND flash. #### 4. Power Loss Protection (PLP) A critical electronic feature of the M7R series is the inclusion of **tantalum capacitors**. These components hold a small electrical charge. If the server loses power unexpectedly, the capacitors provide enough energy for the controller to flush the data currently in the DRAM cache safely into the non-volatile NAND flash. --- ### Functional Highlights * **Dual-Port Support:** The electronics are designed to support two paths for data (Dual-port), providing redundancy. If one path fails, the drive remains accessible via the second path. * **Thermal Management:** The drive includes internal thermal sensors that trigger "Thermal Throttling" to protect the electronic components if operating temperatures exceed safe limits (usually above 70°C).
    ✨ Follow-up Questions
    • ⤷ What is the difference between TLC and QLC NAND in enterprise SSDs?
    • ⤷ How does PCIe 4.0 improve performance compared to PCIe 3.0 in this drive?
    • ⤷ What are the specific IOPS ratings for the M7R series?