M7R26TAJ-R
AI

The **M7R26TAJ-R** belongs to a specialized category of electronic components, typically categorized as a **High-Frequency Connector** or a **RF (Radio Frequency) Interface Module**, often used in automotive or telecommunications infrastructure.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "M7R" series is generally associated with high-speed data transmission and automotive-grade durability.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Connector / Fakra-type / High-Speed Data (HSD) |
| **Orientation** | Right Angle (RA) |
| **Termination** | SMT (Surface Mount Technology) or Through-Hole (dependent on sub-variant) |
| **Housing Material** | High-temperature Thermoplastic |
| **Plating** | Gold or Tin over Nickel (for high conductivity) |
---
### 2. Electrical Characteristics
These parts are designed to handle signals with minimal interference (EMI/EMC) and low insertion loss.
* **Impedance:** Typically **50 Ohms** (Standard for RF applications).
* **Frequency Range:** Optimized for signals from **DC up to 6 GHz**.
* **Insulation Resistance:** Usually $\ge$ 1000 MΩ.
* **Voltage Rating:** Approximately 335V RMS.
* **Contact Resistance:** Low milliohm range to prevent signal degradation.
---
### 3. Mechanical & Physical Properties
The "TAJ-R" suffix often indicates specific physical attributes regarding the mounting and packaging.
* **Mechanical Keying:** Often utilizes color-coded or physical "keys" to prevent incorrect mating in complex wiring harnesses.
* **Durability:** Rated for at least **25 to 100 mating cycles**.
* **Thermal Stability:** Operating temperature ranges from **-40°C to +105°C**, making it suitable for engine compartments or exterior sensors.
* **Tape and Reel (-R):** The "-R" suffix typically signifies that the part is supplied in **Tape and Reel** packaging, intended for automated Pick-and-Place assembly lines.
---
### 4. Common Applications
Due to its high-frequency capabilities, the M7R26TAJ-R is frequently found in:
1. **Automotive Infotainment:** Connecting GPS antennas, satellite radio, and cellular (LTE/5G) modules.
2. **ADAS (Advanced Driver Assistance Systems):** Interface for high-resolution cameras and Radar/Lidar sensors.
3. **Telematics:** Vehicle-to-everything (V2X) communication modules.
---
### 5. Footprint and PCB Layout
As an SMT component, the PCB layout requires precise pad dimensions to maintain impedance control. Engineers must ensure:
* **Ground Plane Continuity:** To prevent RF leakage.
* **Solder Paste Stencil:** Accurate thickness to ensure the center pin and outer shield are securely bonded.
- ⤷
What is the exact datasheet manufacturer for the M7R series?
- ⤷ How does the 'TAJ' code specifically differ from the 'TAH' variants?
- ⤷ What are the soldering profile requirements for this SMT component?