M7R24FBJ-R
AI

The part number **M7R24FBJ-R** refers to a specific series of **Multilayer Ceramic Capacitors (MLCC)**, typically manufactured by **Kyocera (AVX)**. These components are surface-mount devices (SMD) used extensively in high-frequency power decoupling and noise filtering.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the M7/Kyocera series, here are the typical technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | MLCC | Multilayer Ceramic Capacitor |
| **Dielectric** | X7R / NP0 (Series dependent) | Stable temperature characteristics |
| **Package Size** | 0402 / 0603 | Small footprint for dense PCBs |
| **Termination** | Sn (Tin) | Standard solderable finish |
| **Mounting Style** | SMD/SMT | Surface Mount Technology |
| **Packaging** | Tape & Reel (-R) | Designed for automated pick-and-place |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the "M7" series often follows this logic:
* **M7**: Product series identifier (often indicating specific voltage or material tiers).
* **R24**: Represents the nominal value or specific design revision.
* **FBJ**: Tolerance and Voltage rating codes.
* **-R**: Indicates **RoHS Compliant** and provided in **Reel** packaging.
---
### 3. Applications and Usage
These electronic parts are critical in the following circuits:
1. **Decoupling:** Placed near IC power pins to filter out high-frequency noise from the power supply.
2. **Bypass:** Shunting AC noise to ground to prevent interference in sensitive signal lines.
3. **Frequency Filtering:** Used in RF (Radio Frequency) stages due to low ESR (Equivalent Series Resistance).
4. **Automotive/Industrial:** High-reliability versions are used in engine control units and sensor modules.
---
### 4. Handling and Soldering
| Aspect | Guidance |
| :--- | :--- |
| **Soldering Method** | Reflow or Wave soldering. |
| **MSL Rating** | Moisture Sensitivity Level 1 (Unlimited floor life at <30°C/85% RH). |
| **Thermal Shock** | Ceramic is brittle; avoid rapid cooling after soldering to prevent micro-cracks. |
---
- ⤷What is the exact capacitance and voltage rating for this specific part number?
- ⤷ Are there equivalent alternatives from Murata or Samsung?
- ⤷ What are the recommended PCB land pattern dimensions for this component?