công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R23TCJ-R

  • AI
    The part number **M7R23TCJ-R** refers to a specific variation of a high-performance **Magnetic Sensor** (specifically a Tunnel Magnetoresistance or TMR sensor), typically manufactured by **MultiDimension Technology (MDT)** or similar specialized semiconductor firms. Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M7R23TCJ-R is a high-sensitivity, high-stability magnetic field sensor. It is often utilized in industrial applications for non-contact sensing of position, speed, or current. | Feature | Specification | | :--- | :--- | | **Technology** | TMR (Tunnel Magnetoresistance) | | **Package Type** | SOT-23 or similar compact surface mount | | **Output Type** | Push-Pull or Open Drain (Model dependent) | | **Supply Voltage** | Typically 1.8V to 5.5V | | **Sensitivity** | High (milliTesla range) | --- ### 2. Key Electronic Components & Working Principle The device integrates several critical stages within its silicon die to convert magnetic flux into an electrical signal: 1. **TMR Sensor Bridge:** The core sensing element consisting of a magnetic tunnel junction. Its resistance changes drastically in the presence of a magnetic field. 2. **ASIC (Application Specific Integrated Circuit):** An internal chip that handles signal conditioning. 3. **Voltage Regulator:** Ensures stable internal operation regardless of input voltage fluctuations. 4. **Comparator / Amplifier:** Boosts the micro-volt signals from the TMR bridge into a usable digital or analog output. 5. **ESD Protection:** Internal diodes to protect the pins from Electrostatic Discharge. --- ### 3. Pin Configuration (Typical SOT-23) While you should always consult the specific datasheet for the "TCJ" suffix, the standard electronic pinout for this series is: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | Power Supply Input | | 2 | **OUT** | Signal Output (High/Low or Analog) | | 3 | **GND** | Ground | --- ### 4. Technical Advantages * **Ultra-Low Power:** TMR sensors consume significantly less current (micro-amps) compared to traditional Hall Effect sensors. * **High Frequency Response:** Capable of detecting fast-moving magnetic targets. * **Thermal Stability:** Maintains accuracy across a wide temperature range (-40°C to +125°C). --- ### 5. Application Circuit Example To use this part in an electronic circuit, a decoupling capacitor is mandatory to filter noise. ```c // Simplified Logic Diagram [Magnetic Field] -> [TMR Bridge] -> [Internal Amp] -> [Output Pin] // Hardware Connection VCC ----[ 0.1uF Cap ]---- GND Pin 1 (VCC) -> 3.3V / 5V Pin 2 (OUT) -> Microcontroller GPIO / Interrupt Pin 3 (GND) -> System Ground ```
    ✨ Follow-up Questions
    • ⤷ What are the specific magnetic switching thresholds for the M7R23TCJ-R?
    • ⤷ How does TMR technology compare to Hall Effect sensors in terms of power consumption?
    • ⤷ Is the output of this specific model omnipolar or unipolar?