công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R22TDJ-R

  • AI
    The **M7R22TDJ-R** is a specialized electronic component, typically identified as a **high-precision, high-stability Resistor Network** or a specific **Thin Film Chip Resistor** part of a series manufactured by companies like Susumu or Rohm (often found in automotive and precision industrial applications). Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications This component is engineered for environments where resistance values must remain constant despite temperature fluctuations or aging. | Parameter | Typical Value / Detail | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor / Resistor Network | | **Resistance Value** | Defined by the "22" code (often 2.2kΩ or 22Ω depending on series) | | **Tolerance** | ±0.1% to ±0.5% (High Precision) | | **Power Rating** | 1/16W to 1/10W per element | | **Temperature Coefficient (TCR)** | ±25ppm/°C to ±50ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Package Style** | Surface Mount (SMD) - R-Type (Taped & Reeled) | --- ### 2. Key Internal Technologies #### A. Thin Film Deposition Unlike standard "Thick Film" resistors that use a paste, the M7R series utilizes a **Thin Film (Metal Film)** sputtered onto a ceramic substrate. This results in: * **Low Noise:** Reduced thermal noise, making it ideal for audio and sensitive measurement circuits. * **Stability:** Excellent long-term stability under harsh environmental conditions. #### B. Anti-Sulfur Design The "R" suffix often denotes compliance with anti-sulfuration standards. The electrodes are treated with a special protective layer to prevent silver sulfide growth, which is a common cause of failure in industrial and automotive electronics exposed to polluted air. #### C. Tolerance Matching If this specific part number belongs to a network (array) series, the "M" prefix usually indicates **Matched Resistance**. This means the resistors inside the package are calibrated to stay within a very tight ratio of each other, even if the absolute value shifts slightly. --- ### 3. Common Applications Due to its precision and reliability, the M7R22TDJ-R is frequently found in: 1. **Automotive ECU:** Electronic Control Units for engine management or ADAS. 2. **Medical Instrumentation:** Precision monitoring devices requiring stable voltage dividers. 3. **Industrial Sensors:** Bridge circuits for pressure or temperature sensing. 4. **Telecom Gear:** High-speed data transmission filters. --- ### 4. Part Number Breakdown (Generic Structure) | Prefix | Value Code | Tolerance | Package | Packaging | | :--- | :--- | :--- | :--- | :--- | | **M7R** | **22** | **T** | **D/J** | **-R** | | Series/Model | Resistance Digits | High Temp/Precision | Dielectric/Size | Tape & Reel |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the M7R22TDJ-R in ohms?
    • ⤷ How does Thin Film technology compare to Thick Film in terms of performance?
    • ⤷ Is the M7R22TDJ-R AEC-Q200 qualified for automotive use?