M7R22FAJ-R
AI

The **M7R22FAJ-R** is a specific part number belonging to a series of **Rotary Potentiometers** or **Encoders**, commonly manufactured by brands like **Noble** or used in specific industrial/audio equipment.
---
### 1. General Specifications
Based on the standard nomenclature for this series of components, here are the likely technical specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Potentiometer / Variable Resistor |
| **Size/Form Factor** | 7mm or 9mm micro-type (Square/Rectangular body) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Adjustment Type** | Top-actuated or Side-actuated (depending on suffix) |
| **Resistance Range** | Typically 1kΩ to 100kΩ (Check suffix for specific value) |
| **Tolerance** | ±20% (Standard) |
---
### 2. Key Internal Electronic Parts
To understand how the M7R22FAJ-R functions, it is broken down into these core elements:
1. **Resistive Element:** Usually a carbon film or cermet track. This provides the "R" (Resistance) that changes as the wiper moves.
2. **Wiper (Contact):** A metal brush that slides across the resistive element to pick up a specific voltage level or resistance value.
3. **Shaft/Actuator:** The physical part the user turns. In this series, it is often a "F" type (Flatted) or "J" type (J-hook/Special) shaft.
4. **Terminals:** Three pins—two for the ends of the resistive track and one for the wiper (output).
5. **Housing:** A dust-proof or sealed casing to protect the internal contacts from oxidation.
---
### 3. Application Use Cases
These parts are typically found in compact electronic devices where space is limited:
* **Audio Equipment:** Volume or tone control in portable speakers and mixers.
* **Consumer Electronics:** Settings adjustments in cameras or small handheld gadgets.
* **Industrial Controls:** Calibration points on PCB boards for sensors or timers.
---
### 4. Part Number Breakdown (Typical)
| Code | Meaning |
| :--- | :--- |
| **M7R** | Series identifier (7mm/9mm Rotary) |
| **22** | Mechanical configuration/style code |
| **F/A** | Taper type (Linear vs. Audio Logarithmic) |
| **J** | Shaft length/style (J-type flatted) |
| **-R** | RoHS Compliant (Lead-free) |
- ⤷
What is the specific resistance value (Ohms) for the M7R22FAJ-R?
- ⤷ Is this part available in Surface Mount (SMD) versions?
- ⤷ What are the common alternatives or equivalents for Noble M7 series potentiometers?