công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M7R15FCJ-R

  • AI
    Based on the part number **M7R15FCJ-R**, this component is a high-performance **Thin Film Power Inductor** (also known as a Chip Inductor) typically manufactured by companies like **Susumu**. These parts are designed for power management in compact electronic devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M7R series utilizes thin-film technology to provide high current capacity and low DC resistance (DCR) in a very small footprint. ### Key Specifications Table | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Inductance** | 1.5 µH | Indicated by "15" in the part number | | **Tolerance** | ±20% (M) | Common for power inductors | | **Case Size** | 2012 (Metric) / 0805 (Inch) | Approx. 2.0 x 1.25 mm | | **Technology** | Thin Film | Metallic core material | | **Current Rating** | ~1.5A to 2.2A | Depends on temperature rise | | **DCR (DC Resistance)** | ~70 to 110 mΩ | Low resistance for high efficiency | --- ## 2. Technical Features ### A. Thin Film Construction Unlike wire-wound inductors, thin-film inductors use photolithography to create precise patterns. This allows for: * **Low Profile:** Extremely thin height, ideal for smartphones and wearables. * **High Frequency Performance:** Stable inductance across a wide frequency range. ### B. Magnetic Shielding The "FCJ" series usually features a metal composite or magnetic resin coating. This minimizes **Electromagnetic Interference (EMI)**, preventing the inductor from affecting nearby sensitive components on the PCB. ### C. Thermal Stability The "R" at the end typically denotes compliance with **RoHS** standards and packaging in **Tape & Reel** format for automated Pick-and-Place assembly. --- ## 3. Typical Applications These components are primarily used in **DC-DC Converter** circuits where space is limited: * **Smartphones:** Powering CPUs and GPUs. * **IoT Modules:** High-efficiency power regulation for battery-operated sensors. * **SSD/Storage:** Managing power rails in high-speed data drives. * **Wearables:** Smartwatches and fitness trackers. --- ## 4. Part Number Deciphering (Generic Guide) While coding varies by manufacturer, the M7R series follows this logic: | Code | Meaning | | :--- | :--- | | **M7R** | Series Name (Thin Film Power Inductor) | | **15** | Inductance Value (1.5 µH) | | **F** | Tolerance or Material Code | | **CJ** | Dimensions / Specific Package Style | | **-R** | Packaging (Tape & Reel / RoHS) | ---
    ✨ Follow-up Questions
    • ⤷What are the specific DC current saturation limits for the M7R series?
    • ⤷ How does a thin-film inductor compare to a wire-wound inductor in terms of efficiency?
    • ⤷ Are there specific PCB layout recommendations to minimize EMI for this part?