công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SXT-1V2-R

  • AI
    The **M6SXT-1V2-R** is a specific electronic component, typically categorized as a high-frequency, surface-mount **directional coupler**. These parts are essential in RF (Radio Frequency) and microwave circuits for signal monitoring and power measurement. ### 1. Technical Specifications Below are the typical electrical characteristics associated with this class of directional coupler: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Directional Coupler | | **Frequency Range** | Usually optimized for UHF/SHF bands (often 5MHz - 1000MHz+) | | **Coupling Factor** | Typically -6dB (indicated by the '6' in the prefix) | | **Impedance** | 75 Ohms (standard for CATV/Broadband applications) | | **Package Type** | Surface Mount (SMD) | | **Configuration** | 6-pin leaded or leadless package | --- ### 2. Key Internal Components While the device appears as a single small block, its internal architecture consists of: * **Ferrite Cores:** Miniature toroidal cores that allow for inductive coupling between the main line and the coupled line. * **Precision Winding:** Ultra-fine copper wiring wound around the cores to achieve specific coupling ratios (e.g., 6dB). * **Substrate:** A ceramic or high-temperature plastic base that houses the pins and internal connections. --- ### 3. Pinout and Functionality A standard 1V2-R style coupler usually follows a specific pin logic to ensure signal integrity: 1. **Input Port:** Where the high-power RF signal enters. 2. **Output Port:** Where the main signal exits with minimal loss (Insertion Loss). 3. **Coupled Port:** A sample of the input signal (reduced by 6dB) is sent here for monitoring. 4. **Isolated/Internal Terminated Port:** Prevents reflections from affecting the circuit. 5. **Ground Pins:** Provide a common reference and shielding. --- ### 4. Common Applications These parts are most frequently found in the following hardware: * **Cable Modems (DOCSIS):** For splitting signals between the tuner and the transmitter. * **Set-Top Boxes:** Managing signal distribution in home entertainment systems. * **Signal Boosters:** Monitoring output power to ensure the amplifier doesn't exceed legal limits. * **Network Taps:** Used in telecommunications to monitor data flow without interrupting the main link.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 6dB and a 10dB coupler in this series?
    • ⤷ How do I test the insertion loss of the M6SXT-1V2-R using a VNA?
    • ⤷ Are there 50-ohm versions of this component available for mobile RF design?